Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75-8-DSL3 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FS75-8-DSL3
Description  Insulated Ferrules on Strips – Single Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FS75-8-DSL3 Datasheet(HTML) 1 Page - PANDUIT CORP.

  FS75-8-DSL3 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
D1.141
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Insulated Ferrules on Strips – Single Wire
• Polypropylene insulation housing available in DIN standard colors
in strips of 50
• Continuously molded design provides consistent placement of
ferrules in tool to ensure fast, reliable terminations
• Available in #20 – 14 AWG featuring a seamless barrel design
to contain loose wire strands for superior terminations
• Designed for use with the Semiautomatic Ferrule Crimping Tool
CT-1000 for medium volume applications
Type FS
ID
L
P
Max.
Wire
Insul.
Dia.
Part Number
Wire
Size
Color
Max.
Wire
Insul. Dia.
Figure Dimensions
Wire
Strip
Length
Recommended
Installation
Tool
Std.
Pkg.
Qty.
L
P
ID
AWG
mm2
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
DIN End Sleeves
FSD75-8-DSL10
20 AWG
0.50
White
0.10
2.6
0.60
15.2
0.31
8.0
0.04
1.0
13/32
10.0
CT-1000
500
FSD76-8-DSL8
18 AWG
0.75
Gray
0.11
2.7
0.60
15.2
0.31
8.0
0.06
1.5
13/32
10.0
500
FSD77-8-DSL2
1.00
Red
0.12
3.0
0.60
15.2
0.31
8.0
0.07
1.8
13/32
10.0
500
FSD78-8-DSL0
16 AWG
1.50
Black
0.13
3.2
0.60
15.2
0.31
8.0
0.09
2.3
13/32
10.0
500
FSD80-8-DSL6
14 AWG
2.50
Blue
0.16
4.0
0.60
15.2
0.31
8.0
0.09
2.3
13/32
10.0
500
Additional Colored End Sleeves
FS75-8-DSL3
20 AWG
0.50
Orange
0.10
2.6
0.60
15.2
0.31
8.0
0.04
1.0
13/32
10.0
CT-1000
500
FS76-8-DSL10
18 AWG
0.75
White
0.11
2.7
0.60
15.2
0.31
8.0
0.05
1.2
13/32
10.0
500
FS76-8-DSL7
Light Blue
0.11
2.7
0.60
15.2
0.31
8.0
0.05
1.2
13/32
10.0
500
FS77-8-DSL4
1.00
Yellow
0.12
3.0
0.60
15.2
0.31
8.0
0.06
1.5
13/32
10.0
500
FS78-8-DSL2
16 AWG
1.50
Red
0.13
3.2
0.60
15.2
0.31
8.0
0.07
1.8
13/32
10.0
500
FS80-8-DSL8
14 AWG
2.50
Gray
0.16
4.0
0.60
15.2
0.31
8.0
0.09
2.3
13/32
10.0
500


Similar Part No. - FS75-8-DSL3

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FS75-8-DSL3 PANDUIT-FS75-8-DSL3 Datasheet
87Kb / 1P
Insulated Ferrules – Twin Wire DIN End Sleeve
More results

Similar Description - FS75-8-DSL3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
Single Row Strips with Solid Wire
171-003 GLENAIR-171-003 Datasheet
535Kb / 2P
Single Row Strips with Insulated Wire
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
Single Row Insulated Wire Pigtail Assemblies
logo
List of Unclassifed Man...
GWE6-12 ETC2-GWE6-12 Datasheet
123Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
TWE10-12 ETC2-TWE10-12 Datasheet
144Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
PANDUIT CORP.
F82-12-M PANDUIT-F82-12-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
logo
Molex Electronics Ltd.
200218-0700 MOLEX-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
63816-1730 MOLEX-63816-1730 Datasheet
316Kb / 4P
Power Crimp Head For Wire Ferrules
08-28-18
2002180600 MOLEX-2002180600 Datasheet
861Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
200218-0700 MOLEX2-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com