Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLCSS3.0BU Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FLCSS3.0BU
Description  LC Fiber Optic Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FLCSS3.0BU Datasheet(HTML) 1 Page - PANDUIT CORP.

  FLCSS3.0BU Datasheet HTML 1Page - PANDUIT CORP. FLCSS3.0BU Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
LC Fiber Optic Connectors
SPECIFICA TION SHEET
applications
Panduit LC Fiber Optic Connectors provide a
rugged solution for high-density telecommunication
rooms, LANs, public networks and fiber-to-the-desk
applications. LC simplex and duplex connectors
are used for equipment cross-connects or
interconnects in backbone, horizontal and
work area applications for high-speed data
transmissions. The high-density design and
1.25mm ferrules double the port density
(compared to SC connectors) to reduce space
requirements on racks, enclosures, panels
and faceplates.
technical information
Standards requirements:
TIA/EIA-604 FOCIS-10 compatible; exceeds
TIA/EIA-568-B.3 requirements
Fiber compatibility:
62.5/125μm OM1, 50/125μm OM2,10Gig™ 50/125μm laser
optimized OM3/OM4 and 9/125μm OS1
Fiber cable type:
900μm tight-buffered fiber recommended
250μm coated fiber, by using F250BT-C 250 micron
fiber build-up tube kit or FO6CB or FO12CB fan-out kit
Jacketed cable size:
1.6mm – 2.0mm jacketed cable
Ferrule type:
Zirconia ceramic
Insertion loss:
0.1dB average (multimode and singlemode)
Return loss:
>20dB (multimode), >40dB (singlemode)
specifications
LC small form factor (SFF) field polish connectors with rear pivot
latch shall be TIA/EIA-604 FOCIS-10 compatible. LC simplex and
duplex connectors shall be field terminable. The fibers shall
terminate in 1.25mm ceramic ferrules with non-optical disconnect
functionality and an average insertion loss of 0.1dB per mated
pair for multimode and singlemode fiber.
key features and benefits
Rear pivot latch design,
robust construction
Longer beam reduces deflection during mating and unmating to reduce
latch fatigue, leading to longer cycle life
Anti-snag latch
Low profile latch resists cable snagging
Wide “positive grip”
thumb latch
Multi-grooved, full body width thumb latch improves grip for
better control during matings/unmatings; promotes fast, easy
MACs (moves, adds, changes) in high-density applications
Audible “click” upon
successful mating
Provides user with a definitive signal of successful connector mating
Field installable duplex
clip with integrated
polarity markers
Allows fast, easy field polarity changes without tools; quick
identification of polarity
One connector body
design for both simplex
and duplex applications
A single connector design is used for both simplex and duplex patch
cords and inside the wall applications to simplify installation
Protective cap locks onto
connector latch with
audible “click”
Protective cap automatically locks onto connector latch, completely
covering connector end; prevents ferrule end face damage by providing
protection from contamination and impact
Anaerobic adhesive
field installation
Simplifies and reduces installation time by 50% compared to heat
cured epoxy terminations; curing oven/time not required
Rugged body construction Stable performance under side loads for improved reliability
Independent
free-floating ferrules
Ensures physical fiber contact for consistent low return loss, unlike
unitary multi-fiber ferrule connectors
1.25mm ceramic
ferrules
Provide the highest durability for repeated matings
LC Simplex Fiber Optic Connectors
for 900μm Buffered Fiber and
1.6mm – 2.0mm Jacketed Cable
OM1 Multimode:
FLCSMEIY
OM2, OM3, OM4
Multimode:
FLCSMBLY
OS2 Singlemode:
FLCSSBUY
LC Simplex Fiber Optic Connectors
for 3.0mm Jacketed Cable
OM1 Multimode:
FLCSM3.0EI
OM2, OM3, OM4
Multimode:
FLCSM3.0BL
OS2 Singlemode:
FLCSS3.0BU
LC Duplex Fiber Optic Connectors
for 900μm Buffered Fiber
MOM1 Multimode:
FLCDM900EIY
OM2, OM3, OM4
Multimode:
FLCDM900BLY
OS2 Singlemode:
FLCDS900BUY
LC Duplex Fiber Optic Connectors
for 1.6mm – 2.0mm Jacketed Cable
OM1 Multimode:
FLCDMEIY
OM2, OM3, OM4
Multimode:
FLCDMBLY
OS2 Singlemode:
FLCDSBUY
LC Duplex Fiber Optic Connectors
for 3.0mm Jacketed Cable
OM1 Multimode:
FLCDM3.0EI
OM2, OM3, OM4
Multimode:
FLCDM3.0BL
OS2 Singlemode:
FLCDS3.0BU
Mini-Com® Sr./Jr. LC Adapter Modules
1Duplex MM:
CMDJLC**
Duplex 10 GbE (zirc.): CMDJAQLCZBL
Duplex SM (zirc.):
CMDJLCZ**
For Sr./Sr., replace J in part number with S.
Opticom® LC Fiber Adapter Panels
16 duplex 10 GbE (zirc.): FAP6WAQDLCZ
6 duplex MM:
FAP6WEIDLC
6 duplex SM (zirc.):
FAP6WBUDLCZ
12 duplex MM:
FAP12WEIDLC
12 simplex SM (zirc.): FAP12WBULCZ
QuickNet™ MTP* Cassettes
6 LC to MTP* (12f):
FC^-12-10Y
12 LC to 2 MTP* (24f): FC^-24-10Y
QuickNet™ Optimized 10 GbE
MTP* Cassettes
6 LC to MTP* (12f):
FCXO-12-10Y
12 LC to 2 MTP* (24f): FCXO-24-10Y
Opti-Core® Fiber Optic Patch Cords
Duplex LC to LC:
F^E10-10M‡Y
Simplex LC to LC:
F^F10-10M‡Y
Duplex SC to LC:
F^E3-10M‡Y
Simplex SC to LC:
F^F3-10M‡Y
Simplex LC to pigtail: F^B10-NM‡Y
LC Termination Tooling
110V termination kit: FIELDKIT
230V termination kit: FIELDKIT-G
Refurbishment kit:
FIELDKITRFB
HD Connector Removal Tool
For LC and SC:
HDCRT
LC Lock-in Duplex Clip
LC lock-in duplex clip: FLCCLIW-X
**Substitute for module color:
EI = Electric Ivory
BU = Blue
IG = International Gray
WH = White
TG = Technical Gray
BL = Black
AW = Arctic White
W = Off White
EW = European White
^Substitute for fiber type: Z (OM4-10 GbE
50/125μm), X (OM3-10 GbE 50/125μm),
5 (OM2-50/125μm), 6 (OM1-62.5/125μm)
or 9 (OS1-9/125μm).
‡Substitute for length in meters: 1, 2, 3, 5
or 10 for patch cords, and 1, 2 or 3 for pigtails;
singlemode patch cords are also available
in 12, 15, 25 or 30 meter lengths. Contact
Customer Service for other available lengths.


Similar Part No. - FLCSS3.0BU

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FLCSSCBUY PANDUIT-FLCSSCBUY Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
FLCSSCBUY PANDUIT-FLCSSCBUY Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
More results

Similar Description - FLCSS3.0BU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
logo
Tripp Lite. All Rights ...
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
Duplex Multimode Fiber Optic Coupler, (LC-LC)
N455000SPM TRIPPLITE-N455000SPM Datasheet
493Kb / 2P
Duplex Singlemode Fiber Optic Coupler, (LC-LC)
logo
PANDUIT CORP.
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
LC Fiber Optic Connectors . Field Polish Termination
logo
Glenair, Inc.
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
Fiber Optic LC Test Cable Assembly
logo
Tripp Lite. All Rights ...
N455-000-S-PM TRIPPLITE-N455-000-S-PM Datasheet
159Kb / 2P
Duplex Singlemode Fiber Optic Coupler, (LC/LC)
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
Fiber optic coupling - FL MM PATCH COUPLER LC-LC
logo
Tripp Lite. All Rights ...
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
Duplex Multimode Fiber Optic Coupler, (LC/LC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com