Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTS Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # GTS
Description  Cable Tie Installation Tools – Ergonomic Series, Hand Tools
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GTS Datasheet(HTML) 2 Page - PANDUIT CORP.

  GTS Datasheet HTML 1Page - PANDUIT CORP. GTS Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of
PANDUIT product warranties, log on to www.panduit.com/warranty
© 2006
PANDUIT Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
Product Bulletin Number WW-CTCB17
7/2006
Cable Tie Tools – Ergonomic Series, Hand Tools
Ordering Information
Part Number
Description
Installs
Cable Tie
Cross Sections
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Ergonomic Hand Tools
GTS
Trigger Handle: Black, Selector Knob: Black, Cushioned
Handle: Black. Body: Gray, Weight: 9.8 oz. (278 g)
Subminiature, Miniature,
Intermediate, Standard
Standard, Heavy-Standard,
Light-Heavy, Heavy
11
GTH
Trigger Handle: Red, Selector Knob: Red, Cushioned
Handle: Red. Body: Gray, Weight: 12.0 oz. (340 g)
11
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.3767.7011
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6379.6700
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.333.777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference CTCB17
Visit us at www.panduit.com
For more information
To Change Tension Setting
Step 1: Use Coarse Adjustment Knob to
select appropriate cross section
Step 2: Use Fine Adjustment Knob to
set and maintain desired tension
Part Number
Description
Used with
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Hand Tool Accessories
KGTSTL
Optional tension locking kit (lockout cap and screw) provides the option
to lock the tension at desired setting, which eliminates operator error and
ensures consistent results.
GTS
GTH
110
110
KGTHTL
KGTSBLD
Optional replacement blade replacement kit (spare blade) allows quick
and easy replacement of blade. Can be part of a scheduled
maintenance plan, or used when cut-offs are not clean and crisp.
GTS
GTH
110
110
KGTHBLD
KGTSSLV
Optional cushion sleeve kit (cushion sleeve and lubricant) allows
cushion sleeve to be added to existing hand tools for conversion to
improved handle design.
GTS
GTH
11
11
KGTHSLV
➀ Coarse Adjustment Knob
➁ Fine Adjustment Knob
Optional Tension Lockout Kit
➀
➀
➁
➁



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com