Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCGWA2G253YF Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HCGWA2G253YF
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCGWA2G253YF Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HCGWA2G253YF Datasheet HTML 1Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
ALUMINUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
(
“Y” is the standard code but “I”
may be used instead.
“N” is used
when no fixture is required.)
(This code is required when multiple kinds of cases
are available. For standard products, only the first
letter is used. For example,
“F”is used for F24R.)
Product code : (Example) 450V 22,000 µF±20%
HCGWA
2W
223
Y
(F)
Type of series
Code for fixture
Case code
Code for rated voltage
(JIS symbol)
Code for capacitance
(The last digit
“3”indicates
the number of 0s.)
Ambient temperature (°C)
40
60
70
85
Correction coefficient
1.0
0.75
0.62
0.37
Frequency (Hz)
120
300
1k
10K≦
Correction coefficient
1.0
1.1
1.3
1.4
*
When using this capacitor at a frequency below 120 Hz, contact us in advance.
Ripple current correction coefficient
Item
Temperature range
Rated current
Capacitance tolerance
Dissipation factor
Withstand voltage
Related standard
No load at high
temperature
Leakage current
Specifications
–10°C ~ +85˚C
350 ~ 500
V.DC
±20%(20℃,120Hz)
Must be less than or equal to 0.70 (20℃, 120Hz)
No abnormality must be found when 2,000 VDC is applied between
the terminal block and the mount fixture (to be attached to the case
which has been coated doubly with an armored sleeve).
Load at high
temperature
The requirements shown in the following table must be met under conditions that allowable
ripple currents are superposed at 85℃ within a range not exceeding a rated voltage,
voltage is applied for 2,000 hours, then the temperature is lowered again to 20℃.
JIS C 5101-4
The requirements of the above table (shown in the column“Load at High Temperature”) must be
met under conditions that the capacitor is left at 85℃ for 500 hours with no voltage applied, the
temperature is lowered again to 20℃ and preprocessing for tests (4.4 in JIS C5102) is performed.
This current must be less than or equal to a smaller value of I=0.01CV and 7mA (20
℃, 5 minutes).
(I: Leakage current, C: µF), V: Rated voltage (VDC)
Product Specifications
*
( ) Case code in parentheses : If two types of shape exist for the same rating,
enter the first English letter of case code.
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
350V(2V)
13000
17000
18000
22000
24000
25000
31000
39000
077·155
090·157
077·195
077·235
101·175
090·196
090·236
101·195
101·237
E16R
F16R
E20R
E24R
G18R
F20R
F24R
G20R
G24R
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
20.7
25.4
26.8
32.1
33.8
33.6
40.4
38.1
46.2
HCGWA2V133Y
HCGWA2V173Y
HCGWA2V183Y
HCGWA2V223Y
HCGWA2V243Y
HCGWA2V253Y
HCGWA2V313YF
HCGWA2V313YG
HCGWA2V393Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
450V(2W)
9500
12000
13000
15000
17000
18000
22000
27000
077·155
077·195
090·157
077·235
090·196
101·175
090·236
101·195
101·237
E16R
E20R
F16R
E24R
F20R
G18R
F24R
G20R
G24R
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
17.9
22.1
21.0
27.3
27.9
27.9
34.3
32.2
38.4
HCGWA2W952Y
HCGWA2W123Y
HCGWA2W133Y
HCGWA2W153Y
HCGWA2W173Y
HCGWA2W183Y
HCGWA2W223YF
HCGWA2W223YG
HCGWA2W273Y
Standard value and case size
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
400V(2G)
11000
14000
16000
20000
22000
25000
32000
077·155
077·195
077·235
090·157
090·196
101·175
090·236
101·195
101·237
E16R
E20R
E24R
F16R
F20R
G18R
F24R
G20R
G24R
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
19.2
23.9
28.0
24.8
30.3
30.8
36.6
34.5
41.8
HCGWA2G113Y
HCGWA2G143Y
HCGWA2G163YE
HCGWA2G163YF
HCGWA2G203Y
HCGWA2G223Y
HCGWA2G253YF
HCGWA2G253YG
HCGWA2G323Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
500V(2H)
5600
8200
9500
11000
12000
14000
16000
077·155
077·195
090·157
077·235
090·196
101·175
090·236
101·195
101·237
E16R
E20R
F16R
E24R
F20R
G18R
F24R
G20R
G24R
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
0.70
13.7
18.2
17.7
21.7
22.4
22.7
27.4
25.6
29.6
HCGWA2H562Y
HCGWA2H822YE
HCGWA2H822YF
HCGWA2H952Y
HCGWA2H113Y
HCGWA2H123Y
HCGWA2H143YF
HCGWA2H143YG
HCGWA2H163Y
Attachment of legs
• See page 43 for shapes and dimensions.
• Product names in the Standard Units Rating Table correspond to the
attachment legs for Type Y (Type I for ø36 only), but Type I
attachment legs may be used (Shape Code = I).
• If attachment legs are not necessary, enter "N" for the attachment leg
shape code.
• Attachment legs will be delivered separately.
Characteristic
Rate of change
Dissipation factor value
Leakage current
Requirements
Within ±15% of the initial value
Within 175% of the initial standard
Within the initial standard value
(Warranty of 2,000 hours at 85°C)
Features
•Product primarily designed for circuits requiring large
energy momentarily like those for the uninterruptible power
supply (UPS) and X-ray power supply
• Capacitance improved by 40%, comparison with the
HCGF6 model (smallest model)
HCGW Series


Similar Part No. - HCGWA2G253YF

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGWA2G253YF236PH AICTECH-HCGWA2G253YF236PH Datasheet
71Kb / 2P
Useful of 4,000 hours at 85ºC
More results

Similar Description - HCGWA2G253YF

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com