Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H050X025HT Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # H050X025HT
Description  Military Grade Heat Shrink Labels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H050X025HT Datasheet(HTML) 2 Page - PANDUIT CORP.

  H050X025HT Datasheet HTML 1Page - PANDUIT CORP. H050X025HT Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D
B
B
B
Military Grade Heat Shrink Labels
Standard package quantity is 1 roll.
*Available in bulk package (5 times Standard Package Quantity), add -B to end of part number (only available in certain sizes in white color).
A,C
A,C
D
A,C
H150X_ _ _H_T
H200X_ _ _H_T
H075X_ _ _H_T
H100X_ _ _H_T
H050X_ _ _H_T
© 2008
PANDUIT Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
SA-IDSP11
3/2008
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of
PANDUIT product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.3767.7011
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.333.777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference IDSP11
Visit us at www.panduit.com
For more information
White Color
Part #
Yellow Color
Part #
Black Color
Part #
Red Color
Part #
Diameter
Width
'A'
Height
'B'
Horizontal
Repeat
'C'
Vertical
Repeat
'D'
Labels
per
Row
Labels
per Roll
Min. Cable
O.D.
Max. Cable
O.D.
Wire/
Cable
Size
H050X025H1T* H050X025H2T H050X025H3T H050X025H4T
1/8"
(3.1mm)
0.50"
(12.7mm)
0.25"
(6.4mm)
0.50"
(12.7mm)
1.00"
(25.4mm)
4
2000
0.04"
(1.0mm)
0.13"
(3.3mm)
22-18
AWG
H075X025H1T* H075X025H2T H075X025H3T H075X025H4T
1/8"
(3.1mm)
0.75"
(19.0mm)
0.25"
(6.4mm)
0.75"
(19.0mm)
1.00"
(25.4mm)
2
1000
0.04"
(1.0mm)
0.13"
(3.3mm)
H100X025H1T* H100X025H2T H100X025H3T H100X025H4T
1/8"
(3.1mm)
1.00"
(25.4mm)
0.25"
(6.4mm)
1.00"
(25.4mm)
1.00"
(25.4mm)
2
1000
0.04"
(1.0mm)
0.13"
(3.3mm)
H150X025H1T* H150X025H2T H150X025H3T H150X025H4T
1/8"
(3.1mm)
1.50"
(38.1mm)
0.25"
(6.4mm)
N/A
1.00"
(25.4mm)
1
500
0.04"
(1.0mm)
0.13"
(3.3mm)
H200X025H1T* H200X025H2T H200X025H3T H200X025H4T
1/8"
(3.1mm)
2.00"
(50.8mm)
0.25"
(6.4mm)
N/A
1.00"
(25.4mm)
1
500
0.04"
(1.0mm)
0.13"
(3.3mm)
H050X034H1T* H050X034H2T H050X034H3T H050X034H4T
3/16"
(4.7mm)
0.50"
(12.70mm)
0.34"
(8.6mm)
0.50"
(12.7mm)
1.00"
(25.4mm)
4
2000
0.06"
(1.5mm)
0.19"
(4.8mm)
18-12
AWG
H075X034H1T* H075X034H2T H075X034H3T H075X034H4T
3/16"
(4.7mm)
0.75"
(19.0mm)
0.34"
(8.6mm)
0.75"
(19.0mm)
1.00"
(25.4mm)
2
1000
0.06"
(1.5mm)
0.19"
(4.8mm)
H100X034H1T* H100X034H2T H100X034H3T H100X034H4T
3/16"
(4.7mm)
1.00"
(25.4mm)
0.34"
(8.6mm)
1.00"
(25.4mm)
1.00"
(25.4mm)
2
1000
0.06"
(1.5mm)
0.19"
(4.8mm)
H150X034H1T* H150X034H2T H150X034H3T H150X034H4T
3/16"
(4.7mm)
1.50"
(38.1mm)
0.34"
(8.6mm)
N/A
1.00"
(25.4mm)
1
500
0.06"
(1.5mm)
0.19"
(4.8mm)
H200X034H1T* H200X034H2T H200X034H3T H200X034H4T
3/16"
(4.7mm)
2.00"
(50.8mm)
0.34"
(8.6mm)
N/A
1.00"
(25.4mm)
1
500
0.06"
(1.5mm)
0.19"
(4.8mm)
H050X044H1T* H050X044H2T H050X044H3T H050X044H4T
1/4"
(6.3mm)
0.50"
(12.70mm)
0.44"
(11.1mm)
0.50"
(12.7mm)
1.00"
(25.4mm)
4
2000
0.08"
(2.0mm)
0.25"
(6.3mm)
16-10
AWG
H075X044H1T* H075X044H2T H075X044H3T H075X044H4T
1/4"
(6.3mm)
0.75"
(19.0mm)
0.44"
(11.1mm)
0.75"
(19.0mm)
1.00"
(25.4mm)
2
1000
0.08"
(2.0mm)
0.25"
(6.3mm)
H100X044H1T* H100X044H2T H100X044H3T H100X044H4T
1/4"
(6.3mm)
1.00"
(25.4mm)
0.44"
(11.1mm)
1.00"
(25.4mm)
1.00"
(25.4mm)
2
1000
0.08"
(2.0mm)
0.25"
(6.3mm)
H150X044H1T* H150X044H2T H150X044H3T H150X044H4T
1/4"
(6.3mm)
1.50"
(38.1mm)
0.44"
(11.1mm)
N/A
1.00"
(25.4mm)
1
500
0.08"
(2.0mm)
0.25"
(6.3mm)
H200X044H1T* H200X044H2T H200X044H3T H200X044H4T
1/4"
(6.3mm)
2.00"
(50.8mm)
0.44"
(11.1mm)
N/A
1.00"
(25.4mm)
1
500
0.08"
(2.0mm)
0.25"
(6.3mm)
H050X064H1T* H050X064H2T H050X064H3T H050X064H4T
3/8"
(9.5mm)
0.50"
(12.70mm)
0.64"
(16.2mm)
0.50"
(12.7mm)
1.50"
(38.1mm)
4
2000
0.16"
(4.0mm)
0.38"
(9.6mm)
12-6
AWG
H100X064H1T* H100X064H2T H100X064H3T H100X064H4T
3/8"
(9.5mm)
1.00"
(25.4mm)
0.64"
(16.2mm)
1.00"
(25.4mm)
1.50"
(38.1mm)
2
1000
0.16"
(4.0mm)
0.38"
(9.6mm)
H200X064H1T* H200X064H2T H200X064H3T H200X064H4T
3/8"
(9.5mm)
2.00"
(50.8mm)
0.64"
(16.2mm)
N/A
1.50"
(38.1mm)
1
500
0.16"
(4.0mm)
0.38"
(9.6mm)
H100X084H1T
H100X084H2T H100X084H3T H100X084H4T
1/2"
(12.7mm)
1.00"
(25.4mm)
0.84"
(21.3mm)
1.00"
(25.4mm)
1.50"
(38.1mm)
2
1000
0.17"
(4.3mm)
0.50"
(12.7mm)
8-1
AWG
H200X084H1T
H200X084H2T H200X084H3T H200X084H4T
1/2"
(12.7mm)
2.00"
(50.8mm)
0.84"
(21.3mm)
N/A
1.50"
(38.1mm)
1
500
0.17"
(4.3mm)
0.50"
(12.7mm)
H100X165H1T
H100X165H2T H100X165H3T H100X165H4T
1.00"
(25.4mm)
1.00"
(25.4mm)
1.65"
(41.9mm)
1.00"
(25.4mm)
2.50"
(63.5mm)
2
500
0.33"
(8.38mm)
1.00"
(25.4mm)
4 AWG
- 500
MCM
H200X165H1T
H200X165H2T H200X165H3T H200X165H4T
1.00"
(25.4mm)
2.00"
(50.8mm)
1.65"
(41.9mm)
N/A
2.50"
(63.5mm)
1
250
0.33"
(8.38mm)
1.00"
(25.4mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com