Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-CASE Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # MP-CASE
Description  PXE™ SERIES Mobile Printer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP-CASE Datasheet(HTML) 7 Page - PANDUIT CORP.

  MP-CASE Datasheet HTML 1Page - PANDUIT CORP. MP-CASE Datasheet HTML 2Page - PANDUIT CORP. MP-CASE Datasheet HTML 3Page - PANDUIT CORP. MP-CASE Datasheet HTML 4Page - PANDUIT CORP. MP-CASE Datasheet HTML 5Page - PANDUIT CORP. MP-CASE Datasheet HTML 6Page - PANDUIT CORP. MP-CASE Datasheet HTML 7Page - PANDUIT CORP. MP-CASE Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Product Bulletin
MP200
PXE™ Series
Mobile Printer
Representative offering only, visit www.panduit.com for complete listing of products.
Part Number
Part Description
Printer Compatibility
Ribbon &
Material Color
Width
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T038X000VPM-BK
MP Cassette, Continuous Tape, Vinyl,
0.38" W x 23' L, Black on White.
Y
Y
Y
Y
Black on White
0.354
9.0
23
7.0
1
5
T038X000VXM-BK
MP Cassette, Continuous Tape, Vinyl,
0.38" W x 23' L, Black on Yellow.
Black on Yellow
T038X000YKM-BK
MP Cassette, Continuous Tape, Polyester,
0.38" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T038X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.38”” W x 30’ L, White on Black.
White on Black
T050X000VPM-BK
MP Cassette, Continuous Tape, Vinyl,
0.50" W x 23' L, Black on White.
Black on White
0.472 12.0
23
7.0
T050X000VXM-BK
MP Cassette, Continuous Tape, Vinyl,
0.50" W x 23' L, Black on Yellow.
Black on Yellow
T050X000YKM-BK
MP Cassette, Continuous Tape, Polyester,
0.50" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T050X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.50”” W x 30’ L, White on Black.
White on Black
T075X000VPM-BK
MP Cassette, Continuous Tape, Vinyl,
0.75" W x 23' L, Black on White.
Black on White
0.710 18.0
23
7.0
T075X000VXM-BK
MP Cassette, Continuous Tape, Vinyl,
0.75" W x 23' L, Black on Yellow.
Black on Yellow
T075X000YKM-BK
MP Cassette, Continuous Tape, Polyester,
0.75" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T075X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.75”” W x 30’ L, White on Black.
White on Black
T100X000MPM-BK MP Cassette, Continuous Tape, Magnetic,
1.00" W x 4.9' L, Black on White.
N
Black on White
0.945 24.0
4.9
1.5
T100X000MXM-BK MP Cassette, Continuous Tape, Magnetic,
1.00" W x 4.9' L, Black on Yellow.
Black on Yellow
T100X000VPM-BK
MP Cassette, Continuous Tape, Vinyl,
1.00" W x 23' L, Black on White.
Black on White
23
7.0
T100X000VXM-BK
MP Cassette, Continuous Tape, Vinyl,
1.00" W x 23' L, Black on Yellow.
Black on Yellow
T100X000YKM-BK
MP Cassette, Continuous Tape, Polyester,
1.00" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T100X000BQM-WH MP Cassette, Continuous Tape, Polyester,
1.00”” W x 30’ L, White on Blue.
White on Blue
T100X000BSM-WH MP Cassette, Continuous Tape, Polyester,
1.00”” W x 30’ L, White on Green.
White on Green
T100X000BUM-BK
MP Cassette, Continuous Tape, Polyester,
1.00” W x 30’ L, Black on Orange.
Black on Orange
T100X000BWM-WH MP Cassette, Continuous Tape, Polyester,
1.00” W x 30’ L, White on Red.
White on Red
T100X000BYM-WH MP Cassette, Continuous Tape, Polyester,
1.00” W x 30’ L, White on Black.
White on Black
Ordering Information
Continuous Tape Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make changing labels easy
• Print custom pipe markers, voltage markers, signs, bin markers, and network ID labels on demand
• For flat label applications only
Vinyl Material (VXM & VPM)
Polyester Material (YKM, BYM, BWM, BQM, BSM, BUM)
Magnetic Material (MPM & MXM)
-40°F to 194°F (-40°C to 90°C)
-40°F to 257°F (-40°C to 125°C)
14°F to 104°F (-10°C to 40°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com