Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS6X88TGY Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # CJS6X88TGY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS6X88TGY Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button CJS6X88TGY Datasheet HTML 4Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 5Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 6Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 7Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 8Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 9Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 10Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 11Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
10
Labeling
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
LS8EQ-KIT
LS8EQ hand-held printer with QWERTY keypad.
1
1
UILS8BW
Ultimate ID™ Label Cassette.
1
10
C252X030FJC
Modular patch panel (CP) adhesive label cassette.
1
10
C261X035Y1C
Modular patch panel (CPPL) label cassette.
1
10
S100X150VAC
Cable self-laminating label cassette.
1
10
R100X150V1C
Turn-Tell™ Patch Cord Label Cassette.
1
10
LS8EQ-KIT
< Previous Page Table of Contents Next Page >
Cable Managers
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
WMPSE
PatchLink™ Horizontal Cable Manager, front and rear, 1 RU.
1
1
WMPHF2E
Horizontal cable manager front only, 2 RU
1
1
WMPFSE
PatchLink™ Horizontal Cable Manager, front only, 1 RU.
1
1
WMPH2E
Horizontal cable manager front and rear, 2 RU.
1
1
NM2
Horizontal cable manager, high capacity front and rear, 2 RU.
1
1
NMF2
Horizontal cable manager, high capacity front only, 2 RU.
1
1
PREPB1
End Panel.
1
1
NCMH2
Horizontal cable manager front and rear, 2 RU..
1
1
WMPV22E
NetRunner™ Vertical Cable Manager, front and rear 22.
1
10
WMPV45E
NetRunner™ Vertical Cable Manager, front and rear 45.
1
10
PRV6
PatchRunner™ Vertical Cable Manager, front and rear 6 inch.
1
—
PRD6
PatchRunner™ 6 inch (152mm) Dual Hinge Door for 84 inches high.
1
—
PRV8
PatchRunner™ Vertical Cable Manager, front and rear 8 inch.
1
—
PRD8
PatchRunner™ 8 inch (203mm) Dual Hinge Door for 84 inches high.
1
—
NMF2
WMPSE
PRV8
WMPVHC45E
Zone Enclosures
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PZC12W
12 RU wall mount cabinet with thermal design, load rating of 250
lbs., windowed front door, Black.
25.81"H x 25.00"W x 22.85"D (655.6mm x 635.0mm x 580.4mm).
1
—
PZAEWM3
Active wall mount enclosure holds up to 3 RU of passive
equipment and provides optimal cable management and optional
thermal management. Steel.
25.81"H x 25.00"W x 22.85"D (977.9mm x 709.2mm x 218.7mm).
1
—
PZICEE
Fully assembled economical in-ceiling enclosure. Accepts to
8 RU of standard 19" patch panels. Includes mounting brackets
and integrated horizontal slack manager. White.
23.50"H x 23.50"W x 13.43"D (596.9mm x 596.9mm x 341.1mm).
1
—
CUFMB24BL
24-port aluminum underfloor consolidation point box includes
pre-printed numbered labels with writable surface on back when
pre-numbered labels are not applicable. Black.
1.69"H x 10.85"W x 10.67"L (42.9mm x 275.6mm x 271.0mm).
1
—
PZC12W
PZICEE
CUFMB24BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com