Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTP6ASDBU Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # UTP6ASDBU
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTP6ASDBU Datasheet(HTML) 5 Page - PANDUIT CORP.

  UTP6ASDBU Datasheet HTML 1Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 2Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 3Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 4Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 5Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 6Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 7Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 8Page - PANDUIT CORP. UTP6ASDBU Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
5
Network Infrastructure for the Enterprise
Faceplates
Surface Mount Box
Grounding
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CFP1IW
1-port classic vertical faceplate, Off White.
1
10
CFP2IW
2-port classic vertical faceplate, Off White.
1
10
CFP4IW
4-port classic vertical faceplate, Off White.
1
10
CFPL2IWY
2-port classic vertical faceplate, with labels, Off White.
1
10
CFPL4IWY
4-port classic vertical faceplate, with labels, Off White.
1
10
CFPE1IWY
1-port executive vertical faceplate with labels, Off White.
1
10
CFPE2IWY
2-port executive vertical faceplate with labels, Off White.
1
10
CFPE4IWY
4-port executive vertical faceplate with labels, Off White.
1
10
CFG2IW
2-port “FGCI” module frame, Off White.
1
10
CF1062IWY
2-port 106 duplex module frame, Off White.
1
10
CFFPA2BL
2-port sloped furniture faceplate, standard opening, Black.
1
10
Blank Modules
CMBBL-X
Mini-Com® 1-Port Blank Module.
1
10
CMBIW-X
Mini-Com® 1-Port Blank Module.
1
10
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CBX2IW-AY
2-port surface mount box, Off White.
1
10
CBX4IW-AY
4-port surface mount box, Off White.
1
10
CBXF6IW-AY
6-port multi-media surface mount box with fiber spool, Off White.
1
–
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
RGS134-1Y
Grounding strip; 78.65" (2m) length; 0.67" (17mm) width; 0.05"
(1.27mm) thickness; provided with 0.16 oz. (5cc) of antioxidant, one
grounding sticker and three each #12-24 x 1/2" and M6 x 12mm
thread-forming screws.
1
1
LTYK
Label kit includes ten printed tags (2.75" x 1.38" and ten flame
retardant cable ties.
1
1
GB4B0612TPI-1
Grounding busbar 1/4" x 4" x 12".
1
1
RGESD2-1
Two-hole ESD port with 5/8" hole spacing; ESD protection sticker
included, 0.16oz (5cc) of antioxidant and two each #12-24 x 1/2"
and M6 x 12mm thread forming screws.
1
1
RGESDWS
Adjustable fabric ESD wrist strap with 6" coil cord, banana plug, 1
megohm resistor and 4mm snap.
1
1
RGEJ1024PHY
#10 AWG (6mm2) jumper; bent lug on grounding strip side to
straight lug on equipment; provided with 0.16oz (5cc of antioxidant
and two each #12-24 x 1/2", M6 x 12mm, #10-32 x 1/2" and M5 x
12mm thread-forming screws.
1
1
LCC6-14AW-L
Two-hole, long barrel lug with window, #6 AWG wire, 1/4" stud hole,
0.63" hole spacing.
1
1
Contact Panduit Customer Service for other colors.
CFP1
CFPE2
CBX2IW-AY
RGS134-1Y
GB4B00612TPI-1
RGESDWS
LCC6-14AW-L
< Previous Page Table of Contents Next Page >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com