Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTP6ASDRD Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # UTP6ASDRD
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTP6ASDRD Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button UTP6ASDRD Datasheet HTML 4Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 5Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 6Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 7Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 8Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 9Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 10Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 11Page - PANDUIT CORP. UTP6ASDRD Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
9
Network Infrastructure for the Enterprise
T-70 Surface Raceway
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
T70BIW2
T-70 raceway base in 2 meter lengths, Off White.
2m
—
T70BCIW2
T-70 raceway cover in 2 meter lengths, Off White.
2m
—
T-70 Surface Raceway Fittings
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
T70BCIW-X
Base coupler fitting, Off White.
10
—
T70CCIW-X
Cover coupler fitting, Off White.
10
—
T70RAIW
Right angle fitting, Off White.
1
—
T70ICIW
Inside corner fitting, Off White.
1
—
T70OCIW
Outside corner fitting, Off White.
1
—
T70TIW
Tee fitting, Off White.
1
—
T70ECIW
End cap fitting, Off White.
1
—
Racks, Shelves and Accessories
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Racks
R2P
2 post rack, 45 RU, with threaded rails.
1
1
R4P
4 post rack, 45 RU, with threaded rails.
1
1
R4PCN
4 post rack, 45 RU with cage nut rails, 760mm deep.
1
1
Shelves
SRM19FM1
Front mount shelf, 1 RU, 480mm deep.
1
1
RSHLF
Front and rear mount shelf, 1 RU, 760mm deep.
1
1
Rack Accessories
S1224-C
#12-24 screws.
100
1000
CNWS1224-C
#12-24 cage nut with screws.
100
1000
CNWSM6-C
M6 cage nut with screws.
100
1000
R2PPDUB
PDU mounting kit, suits 2 post rack and 4 post rack.
1
1
CPAF1BLY
Angled filler panel, 1 RU.
1
1
Cabinets
E6412B2
24 RU enterprise cabinet with single hinge perforated doors with key
swing handles.
1
1
R4PCN
E6412B23
< Previous Page Table of Contents Next Page >
T70BIW2
T70BCIW2
T70TIW
T70ICIW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com