Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFP2IW Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # CFP2IW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFP2IW Datasheet(HTML) 4 Page - PANDUIT CORP.

  CFP2IW Datasheet HTML 1Page - PANDUIT CORP. CFP2IW Datasheet HTML 2Page - PANDUIT CORP. CFP2IW Datasheet HTML 3Page - PANDUIT CORP. CFP2IW Datasheet HTML 4Page - PANDUIT CORP. CFP2IW Datasheet HTML 5Page - PANDUIT CORP. CFP2IW Datasheet HTML 6Page - PANDUIT CORP. CFP2IW Datasheet HTML 7Page - PANDUIT CORP. CFP2IW Datasheet HTML 8Page - PANDUIT CORP. CFP2IW Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
4
Patch Panels, Kits, and Accessories
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Modular
CPPL24WBLY
24-port patch panel, with labels, with six CFFPL4 faceplates.
1
10
CPPLA24WBLY
24-port angled patch panel with labels, with six CFFPL4 faceplates.
1
10
CP24BLY
24-port all metal modular patch panel, 1 RU.
1
10
CPA24BLY
24-port angled all metal modular patch panel, 1 RU.
1
10
CPP48WBLY
48-port patch panel, with twelve CFFPL4 faceplates.
1
10
CPPL48WBLY
48-port patch panel with labels, with twelve CFFPL4 faceplates.
1
10
CPPLA48WBLY
48-port angled patch panel with labels, with twelve CFFPL4 faceplates.
1
10
CPP48HDWBLY
48-port, 1 RU high density patch panel with rear mounted faceplates.
1
10
CPPA48HDWBLY 48-port, 1 RU angled high density patch panel with rear
mounted faceplates.
1
10
Data-Patch™ Patch Panels
DPA246X88TGY
24-port, angled 1 RU, Category 6A RJ45 UTP Data-Patch™ Patch
Panel, Black.
1
1
DP246X88TGY
24-port, flat,1 RU, Category 6A RJ45 UTP Data-Patch™ Patch
Panel, Black.
1
1
DP24688TGY
24-port, flat, 1 RU, Category 6 RJ45 UTP Data-Patch™ Patch Panel, Black.
1
1
DP48688TGY
48-port, flat, 1 RU, Category 6 RJ45 UTP Data-Patch™ Patch Panel, Black.
1
1
Strain Relief
SRB19BLY
Strain relief bar.
1
10
SRBBRKT
Strain relief bar quick release bracket kit.
1
10
CPPLA24WBLY
CPP48HDWBLY
DP48688TGY
CPPA48HDWBLY
SRB19BLY
RJ45 Patch Cords
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Category 6A
UTP6ASD*
Category 6A 26 AWG UTP patch cord, Off White.
1
10
UTP6ASD*BU
Category 6A 26 AWG UTP patch cord, Blue.
1
10
UTP6ASD*RD
Category 6A 26 AWG UTP patch cord, Red.
1
10
Category 6A Shielded
STP6X*IG
Category 6A S/FTP patch cord, International Gray.
1
10
STP6X*BU
Category 6A S/FTP patch cord, Blue.
1
10
STP6X*RD
Category 6A S/FTP patch cord, Red.
1
10
Category 6
UTPSP*Y
Category 6 UTP patch cord, Off White.
1
10
UTPSP*BUY
Category 6 UTP patch cord, Blue.
1
10
UTPSP*RDY
Category 6 UTP patch cord, Red.
1
10
Category 6 28 AWG
UTP28SP*
Category 6 28 AWG UTP patch cord, Off White.
1
10
UTP28SP*BU
Category 6 28 AWG UTP patch cord, Blue.
1
10
UTP28SP*RD
Category 6 28 AWG UTP patch cord, Red.
1
10
UTP6ASD*M**
* Standard lengths include: 3, 5, 7, 10ft.
Contact Customer Service for additional colors and lengths.
UTP6ASD*
STP6X*
UTPSP*
SRBBRKT
< Previous Page Table of Contents Next Page >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com