Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP200 Datasheet(PDF) 16 Page - PANDUIT CORP.

Part # MP200
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP200 Datasheet(HTML) 16 Page - PANDUIT CORP.

Back Button MP200 Datasheet HTML 9Page - PANDUIT CORP. MP200 Datasheet HTML 10Page - PANDUIT CORP. MP200 Datasheet HTML 11Page - PANDUIT CORP. MP200 Datasheet HTML 12Page - PANDUIT CORP. MP200 Datasheet HTML 13Page - PANDUIT CORP. MP200 Datasheet HTML 14Page - PANDUIT CORP. MP200 Datasheet HTML 15Page - PANDUIT CORP. MP200 Datasheet HTML 16Page - PANDUIT CORP. MP200 Datasheet HTML 17Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
www.panduit.com
Spec/Approval
Requirement
Products
UL -224 with VW-1
flame rating
Flame-resistant material. The tubing must not continue to burn longer than 1 minute.
Military Grade Heat Shrink Label
UL 969
Material must not lose legibility, defacement and adhesion properties when exposed
to 48 hrs. water immersion, 10 days oven exposure at maximum temperature and 7 hrs.
at minimum temperature, and 750 hrs. UV radiation exposure.
Raised Panel Label, Self-Laminating
Tedlar Super-Tack Polyester Label/Tape,
Continuous Vinyl Tape
C22.2 No. 0.15-01
Material must not lose legibility, defacement, and adhesion properties when exposed
to same conditions as UL969. In addition, the material is also exposed to heat and cold
humidity cycling, solvent immersion, abrasion and solvent abrasion.
Raised Panel Label, Self-Laminating
Tedlar Super-Tack Polyester Label/Tape,
Continuous Vinyl Tape
AMS-DTL-23053/5
(Class 1 and 3)
Flame-resistant material. Continuous operating temperature range is
-55 °C (-67 °F) to 135 °C (275 °F).
Military Grade Heat Shrink Label
AMS-DTL-23053/6
(Class 1)
Flame-resistant material. Continuous operating temperature range is
-55 °C (-67 °F) to 135 °C (275 °F).
Fluid-Resistant Heat Shrink Label
SAE-AS81531
(Rub Test)
Print shall remain legible after 20 rubs with hard hand pressure.
High-Temperature Marker Plate
SAE-AS5942
(Rub Test)
Military Grade Heat Shrink Label,
Halogen-Free Heat Shrink Label,
Fluid-Resistant Heat Shrink Label
MIL-STD-883F (Test
Standard) - Chemical
Information below
The markings on the component parts shall remain legible when subjected to the
following solvents; these solvents will not cause deleterious, mechanical or electrical
damage, or deterioration of the material.
See below product for each chemical test
Chemical Used -
METHOD 2015.13
SOLUTION A
At 20C-30C a mixture consisting of the following: (1) one part by volume of isopropyl
alcohol; and (2) three parts by volume of mineral spirits.
Military Grade Heat Shrink Label,
Halogen-Free Heat Shrink Label,
Fluid-Resistant Heat Shrink Label
Chemical Used -
METHOD 2015.13
SOLUTION B
A semi-aqueous or non-aqueous based organic solvent like a terpene or
heterocyclic compound.
Military Grade Heat Shrink Label,
Halogen-Free Heat Shrink Label
Chemical Used -
METHOD 2015.13
SOLUTION D
At 63C-70C, a mixture consisting of the following: (1) 42 parts by volume of deionized
water; (2) 1 part by volume of propylene glycol monomethyl ether; and (3) 1 part by
volume of monoethanolamine.
Military Grade HeatShrink Label,
Halogen-Free Heat Shrink Label,
Fluid-Resistant Heat Shrink Label
MIL-STD202G (Test
Standard) - Chemical
Information below
The markings on the component parts shall remain legible when subjected to the
following solvent; these solvents will not cause deleterious, mechanical or electrical
damage, or deterioration of the material.
See below product for each chemical test
Chemical Used -
METHOD 215K
SOLUTIONS A
A mixture consisting of the following: (1) one part by volume of isopropyl alcohol;
and (2) three parts by volume of mineral spirits.
Marker Plate Halogen-Free Heat Shrink Label,
Raised Panel Label,
Fluid-Resistant Heat Shrink Label
Chemical Used -
METHOD 215K
SOLUTIONS C
A terpene defluxer consisting of a minimum of 90% d-limonene and 10 % surfactant.
Marker Plate Halogen-Free Heat Shrink Label,
Raised Panel Label
Chemical Used -
METHOD 215K
SOLUTIONS D
A mixture consisting of the following: (1) 42 parts by volume water; (2) 1 part by volume
of propylene glycol monomethyl ether; and (3) 1 part by volume of monoethanolamine.
Marker Plate Halogen-Free Heat Shrink Label,
Raised Panel Label,
Fluid-Resistant Heat Shrink Label
BS6853
1999 Vehicle Category 1A for burning behavior and toxic gas emissions.
Smoke Density Class II
Halogen-Free Heat Shrink Label
NF F00-608
Class A and H
Print shall remain legible after 10 rubs after being immersed for 168 hrs. in HCL acid,
diesel, NaOH base and 70 hrs. in mineral spirit. Tensile strength shall be equal to or
greater than 14MPa and elongation shall be 400% or higher.
Fluid-Resistant Heat Shrink Label
LOCA/MSLB
(IEEE 323-2003)
The qualification requirements in this standard, when met, demonstrate and document
the ability of equipment to perform safety function(s) under applicable service conditions,
including design basis events, reducing the risk of common-cause equipment failure.
High-Temperature Marker Plate,
Military Grade Heat Shrink Label
(AMS-DTL-23053/5[Class 1 and 3] only)
Please refer to the Technical Data Sheet for each product for complete information.
INDUSTRY COMPLIANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com