Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN09607 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN09607
Description  96MHz SAW Filter 10MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09607 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN09607 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09607
Rev. Date
2007-4-3
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
96MHz SAW Filter
10MHz Bandwidth
Part Number: LBN09607
Typical Performance
Frequency Respond
Passband Respond
75
80
85
90
95
100
105
110
115
120
-110.4589
-100.4589
-90.4589
-80.4589
-70.4589
-60.4589
-50.4589
-40.4589
-30.4589
-20.4589
-10.4589
Type Performance
Frequency(MHz)
3dB CF = 96.0683MHz
1dB = 9.9626MHz
3dB = 10.3425MHz
35dB = 11.6919MHz
40dB = 11.7799MHz
Insert Loss = -20.4589dB
Passband Ripple = 0.60754dB
Ultimate Rejection = 53.0375dB
Group Delay = 78.7906ns
Phase Linearity = 7.3024deg
Delay = 2410.027ns
Horizontal: 5MHz/Div
Vertical: 10dB/Div
85
90
95
100
105
-22.4589
-21.9589
-21.4589
-20.9589
-20.4589
-19.9589
-19.4589
-18.9589
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
80
85
90
95
100
105
110
2200
2250
2300
2350
2400
2450
2500
2550
2600
X: 96
Y: 2402
Type Performance
Frequency(MHz)
X: 100.5
Y: 2429
X: 91.5
Y: 2376
Horizontal: 5MHz/Div
Vertical: 50ns/Div
80
85
90
95
100
105
110
-20
-15
-10
-5
0
5
10
15
20
X: 96
Y: -0.7279
Type Performance
Frequency(MHz)
X: 100.5
Y: 2.084
X: 91.5
Y: 1.153
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com