Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4T7Y1GPUL Datasheet(PDF) 1 Page - Saia-Burgess

Part # F4T7Y1GPUL
Description  Snap-action Microswitches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

F4T7Y1GPUL Datasheet(HTML) 1 Page - Saia-Burgess

  F4T7Y1GPUL Datasheet HTML 1Page - Saia-Burgess F4T7Y1GPUL Datasheet HTML 2Page - Saia-Burgess F4T7Y1GPUL Datasheet HTML 3Page - Saia-Burgess F4T7Y1GPUL Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
26 |
27
F4
Snap-action Microswitches
Ultraminiature
F4
Characteristics
High electrical rating from a very small switch
Long mechanical and electrical life
Gold-plated contact option
Rating
Up to 250 VAC, 5 A
Dimensions (mm)
12.8
i 10 i 5
Actuator
Plunger, plain lever, simulated roller (cam follower) lever
Approvals
UL and CSA
Preferred Range
Ordering Reference Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
(N)
(ozf)
(mm)
(in)
F4T7UL 1.4
5.00
IP40
8.1
0.32
Solder
CO
Plunger
Silver
Up to 250 VAC, 5 A
F4T7GPUL 1.4
5.00
IP40
8.1
0.32
Solder
CO
Plunger
Gold plate
Up to 250 VAC, 5 A
F4T7Y1UL 0.6
2.20
IP40
8.2
0.32
Solder
CO
Plain lever
Silver
Up to 250 VAC, 5 A
F4T7Y1GPUL 0.6
2.20
IP40
8.2
0.32
Solder
CO
Plain lever
Gold plate
Up to 250 VAC, 5 A
F4T7YCUL 0.7
2.50
IP40
10.3
0.41
Solder
CO
Simulated roller
Silver
Up to 250 VAC, 5 A
F4T7YCGPUL 0.7
2.50
IP40
10.3
0.41
Solder
CO
Simulated roller
Gold plate
Up to 250 VAC, 5 A
40621_Inhalt_027
14.10.2004
7:54 Uhr
Seite 27


Similar Part No. - F4T7Y1GPUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F4T7Y1GPUL ETC2-F4T7Y1GPUL Datasheet
967Kb / 3P
Snap-action Microswitches
More results

Similar Description - F4T7Y1GPUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
Snap-Action Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
List of Unclassifed Man...
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com