Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2256-F-34 Datasheet(PDF) 6 Page - Saia-Burgess

Part # 2256-F-34
Description  Dormeyer® AC Laminates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

2256-F-34 Datasheet(HTML) 6 Page - Saia-Burgess

Back Button 2256-F-34 Datasheet HTML 2Page - Saia-Burgess 2256-F-34 Datasheet HTML 3Page - Saia-Burgess 2256-F-34 Datasheet HTML 4Page - Saia-Burgess 2256-F-34 Datasheet HTML 5Page - Saia-Burgess 2256-F-34 Datasheet HTML 6Page - Saia-Burgess 2256-F-34 Datasheet HTML 7Page - Saia-Burgess 2256-F-34 Datasheet HTML 8Page - Saia-Burgess 2256-F-34 Datasheet HTML 9Page - Saia-Burgess 2256-F-34 Datasheet HTML 10Page - Saia-Burgess Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
All specifications subject to change without notice.
All catalog products manufactured after
April 1, 2006 are RoHS Compliant
Dormeyer® Solenoids
www.dormeyer-solenoids.com 1.937.454.2345 Fax: 1.937.898.8624
27
Duty Cycle
Continuous
Intermittent
Model
2536-F-34
2537-F-34
2786-F-34
2787-F-34
Volts — 60Hz (50 Hz avail.)
120
240
120
240
Coil Resistance ± 10%
14.8
60
11.7
48
(Ohms at 25°C)
Watts Seated ± 10%
19.0
18.0
36.5
36.0
Amps Seated ± 10%
0.48
0.24
0.95
0.48
Amps at 1⁄
4" ± 10%
2.90
1.50
4.30
2.20
Amps at 1⁄
2" ± 10%
4.40
2.20
6.00
3.00
Amps at 3⁄
4" ± 10%
5.50
2.70
7.50
3.80
Amps at 1" ± 10%
6.50
3.20
8.50
4.30
Specifications
Continuous Duty Cycle
At 20°C ambient temperature
Intermittent Duty Cycle
20% on time, 80% off time. On time
not to exceed 3 min. at 20°C ambient
temperature
Coil Insulation
Class “F”: 155°C max. temperature
standard
Coil Termination
1/4” QC
Plunger Variations
See page 40
Total Weight
22 oz. (623 g)
Dimensions
See page 32
Stroke - in (mm)
0
0.25
(6.35)
0.50
(12.7)
0.75
(19.05)
1.00
(25.4)
8.0
(35.6)
16.0
(71.2)
24.0
(106.8)
32.0
(142.3)
100% Rated Voltage
85% Rated Voltage
Stroke - in (mm)
0
0.25
(6.35)
0.50
(12.7)
0.75
(19.05)
1.00
(25.4)
4.0
(17.8)
8.0
(35.6)
12.0
(53.4)
16.0
(71.2)
100% Rated Voltage
85% Rated Voltage
Dormeyer® Laminate Size 2000 (1" stack) — AC Operation
AC Continuous Duty
AC Intermittent Duty
NOTES:
1. All data is typical.
2. Pull values indicated are without plunger weight. Add
or subtract 0.37 lbs. (0.1 N) to obtain net pull when
operated with or against gravity. Force data: ±10%.
3. All data reflects operation with no heatsink.
4. Other coil terminations available.
5. All specifications subject to change without notice.
How to Order
Select the part number from the table provided. (For
example, to order a continuous duty cycle unit rated at
120 VAC, specify 2536-F-5.
Please see www.ledex.com (click on Stock Products
tab) for our list of stock products available through our
distributors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com