Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2ACAAAAK Datasheet(PDF) 2 Page - Saia-Burgess

Part # M2ACAAAAK
Description  E-Series and M-Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

M2ACAAAAK Datasheet(HTML) 2 Page - Saia-Burgess

  M2ACAAAAK Datasheet HTML 1Page - Saia-Burgess M2ACAAAAK Datasheet HTML 2Page - Saia-Burgess M2ACAAAAK Datasheet HTML 3Page - Saia-Burgess M2ACAAAAK Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Moulding material:
<+&11=>*++,4-%#+5,1(,9-IJKAL
Contacts:
<#+4=%+&(,4-%?#1%?#9=39#/M,
I$#6*/0-'#/(&'(1L
<#+4=%+&(,4-39&11
I>*F,4-'#/(&'(1L
Terminals:
<#+4=%+&(,4-39&11-%*/1
DNED$$-4*&$,(,9-F-2N2E$$
Temperature range:
CGEO"-(#-PQEO"
Mechanical life:
RE@EEE-#%,9&(*#/1
Voltage proof:
D;S->#9-D-$*/.(,-I(,9$*/&+1-(#-,&9(?L
Number of switch positions:
G@-2-#9-T
Indexing:
UEO
ITEO >#9-1%9*/0=3*&1,4-&'(*#/1L
Finish:
V&((-3+&';
Fixing:
W,(&*/*/0-'+*%
E-Series
M-Series
Burgess
Recommended Max. Electrical Ratings
S#+(&0,
W,1*1(*6,-+#&4
VDC
$:
2E
DEE
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com