Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP1T32GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T32GS
Description  Dual supply 2-input OR gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T32GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T32GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Nexperia
74AXP1T32
Dual supply 2-input OR gate
11. Dynamic characteristics
Table 10. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Fig. 12; for waveform, see Fig. 5.
VCCO
1.2 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
Symbol Parameter Conditions
Typ[1]
Min
Typ[1]
Max
Min
Typ[1]
Max
Unit
Tamb = 25 °C
A, B to Y
[2]
VCCI = 0.75 V to 0.85 V
23
3
18
73
3
16
69
ns
VCCI = 1.1 V to 1.3 V
16.9
3.1
10.8
19.9
2.8
8.7
15.9 ns
VCCI = 1.4 V to 1.6 V
16.0
2.8
9.9
18.2
2.5
7.8
13.2 ns
VCCI = 1.65 V to 1.95 V
15.6
2.7
9.5
17.3
2.4
7.3
11.8 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
15.2
2.5
9.0
16.8
2.2
6.9
11.0 ns
Tamb = -40 °C to +85 °C
A, B to Y
[2]
VCCI = 0.75 V to 0.85 V
23
3
18
148
3
16
145 ns
VCCI = 1.1 V to 1.3 V
16.9
3.1
10.8
19.9
2.8
8.7
15.9 ns
VCCI = 1.4 V to 1.6 V
16.0
2.8
9.9
18.2
2.5
7.8
13.2 ns
VCCI = 1.65 V to 1.95 V
15.6
2.7
9.5
17.3
2.4
7.3
11.8 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
15.2
2.5
9.0
16.8
2.2
6.9
11.0 ns
tt
transition
time
VCCI = 0.75 V to 2.7 V
[3]
-
1.0
-
-
1.0
-
-
ns
[1] Typical values are measured at nominal supply voltages and Tamb = +25 °C.
[2] tpd is the same as tPLH and tPHL.
[3] tt is the same as tTHL and tTLH.
74AXP1T32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 28 February 2022
7 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com