Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC237DB
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC237DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC237DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC237DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC237
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 7 — 29 January 2016
4 of 17
Nexperia
74HC237
3-to-8 line decoder, demultiplexer with address latches
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Table 2.
Pin description
Symbol
Pin
Description
A0 to A2
1, 2, 3
data input
LE
4
latch enable input (active LOW)
E1
5
data enable input 1 (active LOW)
E2
6
data enable input 2 (active HIGH)
Y0 to Y7
15, 14, 13, 12, 11, 10, 9, 7 output
GND
8
ground (0 V)
VCC
16
supply voltage
Table 3.
Function table
Enable
Input
Output
LE
E1
E2
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
HL
HX
X
X
stable
XH
XXX
XL
L
L
L
L
L
L
L
X
X
LX
X
X
LL
LLL
LLL
LL
H
LL
LH
L
LLL
LLL
H
L
LLH
LLL
LLL
LH
LLL
H
LL
LLL
H
H
LLL
LH
L
LLL
LL
H
LL
LLH
LLL
HL
HL
L
L
L
L
HL
L
LH
H
LL
LLL
LH
L
H
H
H
LL
LLL
LLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com