Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 652
Description  Dual 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

652 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  652 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 652 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74HC2G86; 74HCT2G86 is a dual 2-input EXCLUSIVE-OR gate. Inputs include
clamp diodes that enable the use of current limiting resistors to interface inputs to voltages
in excess of VCC.
2.
Features and benefits
 Wide supply voltage range from 2.0 V to 6.0 V
 Input levels:
 For 74HC2G86: CMOS level
 For 74HCT2G86: TTL level
 Symmetrical output impedance
 High noise immunity
 Low power dissipation
 Balanced propagation delays
 Multiple package options
 ESD protection:
 HBM JESD22-A114E exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from
40 C to +85 C and 40 C to +125 C
3.
Ordering information
74HC2G86; 74HCT2G86
Dual 2-input EXCLUSIVE-OR gate
Rev. 4 — 14 March 2014
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G86DP
40 C to +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT2G86DP
74HC2G86DC
40 C to +125 C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT2G86DC
74HC2G86GD
40 C to +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 3
 2  0.5 mm
SOT996-2
74HCT2G86GD


Similar Part No. - 652

ManufacturerPart #DatasheetDescription
logo
Littelfuse
652 LITTELFUSE-652 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Marl International Limi...
652 MARL-652 Datasheet
406Kb / 4P
횠12.7mm mounting Product will operate over a wide voltage range
logo
Willow Technologies Ltd
652 WILLOW-652 Datasheet
290Kb / 2P
Optical Isolation
logo
Alpha Wire
652 ALPHAWIRE-652 Datasheet
379Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
logo
Automatic Timing & Cont...
652 ATC-652 Datasheet
470Kb / 2P
Multi-Function Multi-Range Timer
More results

Similar Description - 652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
Dual 2-input exclusive-OR gate
2003 Jul 28
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
DUAL 2-INPUT EXCLUSIVE OR GATE
Jun-2003
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com