Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595DB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC595DB
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC595DB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC595DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1.
General description
The 74HC595; 74HCT595 is an 8-bit serial-in/serial or parallel-out shift register with a
storage register and 3-state outputs. Both the shift and storage register have separate
clocks. The device features a serial input (DS) and a serial output (Q7S) to enable
cascading and an asynchronous reset MR input. A LOW on MR will reset the shift register.
Data is shifted on the LOW-to-HIGH transitions of the SHCP input. The data in the shift
register is transferred to the storage register on a LOW-to-HIGH transition of the STCP
input. If both clocks are connected together, the shift register will always be one clock
pulse ahead of the storage register. Data in the storage register appears at the output
whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs to
assume a high-impedance OFF-state. Operation of the OE input does not affect the state
of the registers. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
 8-bit serial input
 8-bit serial or parallel output
 Storage register with 3-state outputs
 Shift register with direct clear
 100 MHz (typical) shift out frequency
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC595: CMOS level
 For 74HCT595: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 C to +85 C and from 40 C to +125 C
3.
Applications
 Serial-to-parallel data conversion
 Remote control holding register
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output
latches; 3-state
Rev. 8 — 25 February 2016
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com