Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC74DB
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC74DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 3 December 2015
4 of 20
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
[1]
H = HIGH voltage level; L = LOW voltage level;
 = LOW-to-HIGH transition; Q
n+1 = state after the next LOW-to-HIGH CP transition;
X = don’t care.
7.
Limiting values
[1]
For SO14 package: Ptot derates linearly with 8 mW/K above 70 C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C.
Table 3.
Function table[1]
Input
Output
nSD
nRD
nCP
nD
nQ
nQ
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H
Table 4.
Function table[1]
Input
Output
nSD
nRD
nCP
nD
nQn+1
nQn+1
HH
LLH
HH
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
-
25
mA
ICC
supply current
-
+100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO14, (T)SSOP14 and DHVQFN14
packages
[1]
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com