Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILT4S-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # ILT4S-C
Description  Cable Tie, Parallel-entry, 14.7" Standard cross section
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ILT4S-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  ILT4S-C Datasheet HTML 1Page - PANDUIT CORP. ILT4S-C Datasheet HTML 2Page - PANDUIT CORP. ILT4S-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Low profile head design prevents protrusion of cut-off tie and reduces overall
bundle size
• Fully rounded edges on head and strap so no sharp edges come in contact with cable
insulation jacket
• Parallel-entry design that threads like a belt (180° entry)
• "Finger grip" shaped head assures positive grip during threading of tie
• Choice of two materials: Natural Nylon 6.6 and Weather Resistant Nylon 6.6
• All cable tie cross sections smaller than Light-Heavy have a curved tip that is easier
to pick up from flat surfaces, allows faster initial threading and speeds installation
Part Number:
ILT4S-C
Product Family:
Belt-Ty™ In-Line Cable Ties
Product Line:
IN-LINE Cable Ties
RoHS Compliancy Status:
Compliant
Part Description:
Cable Tie, Parallel-entry, 14.7" Standard cross
section
Product Type:
Cable Ties
Material:
Nylon 6.6
Color:
Natural
CSA Certified:
Yes


Similar Part No. - ILT4S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ILT4S-C0 PANDUIT-ILT4S-C0 Datasheet
37Kb / 3P
Cable Tie, Parallel-entry, 14.7", Standard cross section
More results

Similar Description - ILT4S-C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0442011 PHOENIX-0442011 Datasheet
70Kb / 5P
Ground terminal block with screw connection, cross section
0442024 PHOENIX-0442024 Datasheet
59Kb / 4P
Ground terminal block with screw connection, cross section
0443065 PHOENIX-0443065 Datasheet
77Kb / 5P
Ground modular terminal block, Screw connection, Cross section
0461018 PHOENIX-0461018 Datasheet
155Kb / 12P
Double-level terminal block, Cross section
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
logo
Molex Electronics Ltd.
53261-0690 MOLEX-53261-0690 Datasheet
349Kb / 5P
1.25 W-TO-B CONN. MATING CROSS SECTION
logo
List of Unclassifed Man...
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Weidmuller
7940022563 WEIDMULLER-7940022563 Datasheet
333Kb / 8P
W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com