Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS688TGY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CJS688TGY
Description  IndustrialNet Data Access Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS688TGY Datasheet(HTML) 1 Page - PANDUIT CORP.

  CJS688TGY Datasheet HTML 1Page - PANDUIT CORP. CJS688TGY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Specification SH eet
technical information
specifications
The industrial data access port shall provide end users
a safe and secure means to maintain and monitor
performance of PLCs, VFD, and industrial networks.
Integrated security features shall prevent the intentional
disruption of service by unauthorized personnel. Non-arc
flash certified personnel shall access the panel reducing
cost, increasing efficiencies, and promoting overall
safety. Aluminum casted base with clear plastic impact
resistant cover and modular faceplate mount shall
protect all connections.
IndustrialNet™ Data Access Port
GFCI data access port
with TX5e™ Coupler
and blank:
IAPNG5EWH
GFCI data
access port:
IAPNGWH
Empty data
access port:
IAPNWH
European data
access port
(empty):
IAPEWH
Mini-Com ® Modules+
TX6A™ 10Gig™ UTP
Jack Module:
CJ6X88TGIW*
TX6™ PLUS UTP
Jack Module:
CJ688TGIW*
TX5e™ UTP
Jack Module:
CJ5E88TGIW*
TX6 ™ 10Gig™
Shielded
Jack Module:
CJS6X88TGY
TX6™ PLUS
Shielded Jack
Module:
CJS688TGY
TX5e ™ Shielded
Jack Module:
CJS5E88TGY
Category 5e
coupler module:
CC5E88BL
Category 6
coupler module:
CC688BL
USB coupler
module:
IAPCMUSBAAWH
Patch Cords
Please visit www.panduit.com for the complete
list of patch cord offerings.
1/3 Size Inserts and Blanks
Flat, 2-port:
IAPHF2MWH-X
Flat:
IAPHB2MWH-X
9-pin female/female
coupler:
IAPHD9CWH
15-pin high-density
female/female
coupler:
IAPHD15HDCWH
15-pin high-density
D-sub:
IAPHD15HDSCWH
Blank module:
IAPCMBWH-X
*For standard colors other than Off White, replace
suffix IW (Off White) with EI (Electric Ivory),
WH (White), IG (International Gray), BL (Black),
OR (Orange), RD (Red), BU (Blue), GR (Green),
YL (Yellow), or VL (Violet).
+For additional Mini-Com™ Modules please visit
www.panduit.com
Note: Custom mounting plates available upon request.
Note: Versions IAPNG5EWH and IAPNGWH are
configured with GFCI power receptacle for the
United States; IAPEWH is configured with a 45mm
opening to accept standard European outlets.
applications
The IndustrialNet™ Data Access Port provides data
port and electrical outlet access to control panels
without the safety hazards of opening the panel.
The access port provides availability to log in to
the network at the work site and can be used for
reprogramming internal controllers and setting up
a print terminal. The modular design allows for RJ45
jacks, USB, and other modular connectors which can
be interchanged to customize for maximum design
flexibility. Snap on mounting plate covers mounting
screws and prevents tampering or unauthorized
removal of access port from the control panel.
Access port can also be locked with a padlock to
secure the outlet. Versions IAPNG5EWH, IAPNGWH
are configured with GFCI power receptacle for the
United States. IAPEWH is configured to accept
standard 45mm European outlets.
Modular
Accepts select Mini-Com® modules including copper, fiber, USB ports, serial
ports, and HMI memory components to provide design flexibility
Integrated GFCI
Provides power to external monitoring devices preventing downtime
receptacle outlet
associated with overloading critical system components
Locking hasp
Accepts Panduit lockout/tagout products or padlock to prevent unauthorized
access for improved security
Removable mounting plate
Accepts a variety of power supplies providing flexibility to meet regional
electrical requirements
Identification
Meets TIA/EIA-606-A labeling standards allowing identification of data and
power, reducing downtime during maintenance and trouble shooting
Covered screw holes
Prevents unintentional disruption of service by unauthorized personnel and
protection against arc flash improving security, safety, and network uptime
Pre-configured
Quickly and easily identifies mounting hole locations and cutouts
mounting template
key features and benefits
industrialnet™ Data access port
Compression latch and integrated gasket design protect against
dust and moisture
NEMA/UL Type 4X and
Type 12, IP65 rating:
UL recognized component:
UL recognized component per standards ANSI/UL 943, “Ground-Fault
Circuit-Interrupters” and CSA-C22.2 No. 144.1-06, “Ground-Fault
Circuit-Interrupters”
Gateway e 24 dimensions


Similar Part No. - CJS688TGY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CJS688TGY PANDUIT-CJS688TGY Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
More results

Similar Description - CJS688TGY

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
National Semiconductor ...
54F407 NSC-54F407 Datasheet
165Kb / 10P
DATA ACCESS REGISTER
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
Data Access Arrangement (DAA) Module
logo
Analog Devices
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
EVAL-5CH6CHSOICEBZ AD-EVAL-5CH6CHSOICEBZ Datasheet
439Kb / 8P
Access to all data channels
Rev. B
logo
PANDUIT CORP.
FDME8RG PANDUIT-FDME8RG Datasheet
260Kb / 1P
8-PORT INDUSTRIALNET DIN RAIL MOUNT FIBER ENCLOSURE
01-17-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com