Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CWST
Description  IndustrialNet TX5e Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 1 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Category 5e/Class D
Exceeds channel and component requirements of ANSI/TIA-568-C.2
channel and
Category 5e and ISO11801 Class D standards at swept frequencies
component performance: 1 to 100 MHz
Electrical/mechanical
Meets all ODVA Ethernet/IP electrical and mechanical
performance:
performance requirements
Environmental
Protects and seals connections against dust and water
protection:
immersion to ANSI/IEC 60529-2004
Vibration, temperature and chemical resistant; shielded version further
enhances electromagnetic performance
FCC and
Meets ANSI/TIA-1096-A; contacts plated with 50 microinches
ANSI/TIA compliance:
of gold for superior performance
IEC compliance:
Plug meets IEC 60603-7 specifications
IP compliance:
Rated IP67 for dust protection and temporary liquid immersion
NEMA/UL compliance:
Rated UL Type 12 to provide protection against circulating dust,
falling dirt, and dripping noncorrosive liquids
Packaging:
Connector and plug include protective cap
RoHS compliancy status: Compliant
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE applications
Conductor
Wire cap compatible with 24 – 26 AWG solid or stranded cable with conductor insulation
termination range:
diameters of 0.035 to 0.040 in. and overall cable O.D. 0.205 in. to 0.250 in.
key features and benefits
applications
technical information
specifications
8-position, industrial connectors shall be applicable for use in manufacturing
environments and shall meet/exceed the ANSI/TIA-568-C.2 standard for Category
5e performance requirements. Bulkhead RJ45 jack and plug shall incorporate an
IP67 rated seal and shall be designed to provide protection from dust and
temporary immersion in water typically found in harsh industrial environments.
Tethered protective cap shall ensure IP67 protection of the connector and plug in
the unmated condition. Secondary seals on both the connector and plug shall
provide an additional environmental barrier. Termination to a 4-pair 24 AWG 100
ohm twisted pair cable shall not require the use of a punchdown tool. AN IP67
rating shall be achieved when mated with an IP67 and NEMA UL Type 12
industrial grade, bayonet style patch cord.
Bulkhead anti-rotation washer
Eliminates the potential for module rotation
Connector mounting nut
Holds bulkhead safely and securely from inside of enclosure
Robust construction
Plug contact plated with 50 microinches of gold
Bayonet style interface
Provides positive reinforcement during mated condition; rated to
100 mating cycles
Protective cap
Maintains IP67 seal during unmated connection
Utilizes patented Giga-TX™
Optimizes performance by reducing conductor untwist to
Technology
less than 1/8"
Forward motion termination
Speeds installation and places no impact on critical components
for maximum reliability
Industry standard RJ45 interface
Familiar to end users
No punchdown tool required
Can terminate with standard adjustable slipjaw pliers or optional
termination tool (EGJT)
Universal wiring scheme
Termination cap is color coded for T568A and T568B
wiring schemes
Standard mounting
Bulkhead connector fits into optional faceplate as well as
standard IEC 1-13/64" (30.5mm) diameter mounting hole
IndustrialNet™ TX5e™ Connectors provide an ideal solution
to support Industrial Ethernet from the Local Area Network
(LAN) based support offices to the processing devices on the
plant floor. The Bulkhead RJ45 Industrial Ethernet Connector
is a key component to an overall Industrial Ethernet
application. In most designs, the bulkhead connector will be
the interface that protects the integrity of the Ethernet data
transfer from the switch, and PLC out to the devices or up to
the horizontal plant backbone. Typical work cells requiring the
IP67 protection, where wash down is needed. This is
common in the food and beverage industry where bacterial
contamination is present. The bulkhead connector also offers
high temperature resilience, namely 85°C storage and 70°C
operating. In manufacturing facilities such as metal
processing, welding, and chemical batch processing, high
temperatures are normal. Vibration is also a concern, as in
automotive panel stamping plants and work cells. The
IndustrialNet™ TX5e™ Connectors protect the RJ45 mating
even in the most severe vibration applications.
IndustrialNet™ TX5e™ Connectors
SPECIFICA TION SHEET
IndustrialNet™ TX5e™ Connectors
UTP:
IAEBH5E
Shielded:
IAEBH5ES
Coupler module: IAEBHC5E
IndustrialNet™ TX5e™ Modular Plugs
UTP:
MPI588T
Shielded:
MPSI588T
IndustrialNet™ TX5e™
Patch Cords
UTP with caps:
IUTPCH3BL*Y
UTP without
caps:
IUTPCHNC3BL*Y
STP with caps:
ISTPCH1MBL**Y
STP without
caps:
ISTPCHNC1MBL**Y
IndustrialNet™ Stainless
Steel Faceplates
Single gang:
IAEFP1
Double gang:
IAEFP2-2G
Tools and Accessories
Empty
bulkhead:
IAEBH
Termination:
tool (optional):
EGJT
Wire snipping
tool:
CWST
Wire stripping
tool:
CJAST
*For lengths 5, 7, 10, 15, or 20 feet, change
the length designation in the part number to
the desired length. For example, the part
number for a 7-foot, UTP patch cord
is IUTPCH7BLY.
**For lengths 2, 3 or 5 meters, change the
length designation in the part number to the
desired length. For example, the part number
for a 5-meter, shielded patch cord
is ISTPCH5MBLY.


Similar Part No. - CWST

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CWST HAMMOND-CWST Datasheet
72Kb / 1P
Goulotte guide-fils avec couvercle a charniere pour pose a plat, type 1
logo
PANDUIT CORP.
CWST PANDUIT-CWST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
CWST PANDUIT-CWST Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
CWST PANDUIT-CWST Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CWST PANDUIT-CWST Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
More results

Similar Description - CWST

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
PANDUIT CORP.
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Adels-Contact
040015 ADELS-040015 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
logo
PANDUIT CORP.
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
FDME8RG PANDUIT-FDME8RG Datasheet
260Kb / 1P
8-PORT INDUSTRIALNET DIN RAIL MOUNT FIBER ENCLOSURE
01-17-12
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com