Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICAM12DRJS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # ICAM12DRJS
Description  IndustrialNet Category 6A 600V Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ICAM12DRJS Datasheet(HTML) 1 Page - PANDUIT CORP.

  ICAM12DRJS Datasheet HTML 1Page - PANDUIT CORP. ICAM12DRJS Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com/ia
specifications
Industrial patch cords shall be constructed of Category 6A, industrial grade, 26
AWG stranded, twisted 4-pair shielded SF/UTP cable with a flame retardant
(CMR) thermoplastic elastomer (TPE) jacket. Patch cord cable shall be offered
in teal and black colors and lengths for design flexibility. Each patch cord shall
be pre-terminated to include Category 6A RJ45 shielded modular plugs on
each end, with a black strain relief boot, and wired according to the T568B
standard. Each patch cord is designed to support high-flex applications and
is rated for 600V panel or on-machine applications when the space is shared
with high voltage power cables.
IndustrialNet™ Category 6A
600V Patch Cords
SPECIFICATION SHEET
applications
technical information
Electrical/
mechanical performance:
Exceeds channel and component requirements of ANSI/TIA-568-C.2
Category 6A and ISO 11801 Class Ea standards at swept frequencies up to
500MHz; meets ODVA Ethernet/IP electrical and mechanical performance
requirements
FCC and ANSI
compliance:
Meets all applicable ANSI/TIA-968-A requirements; contacts plated with 50
micro-inches of gold for superior performance
IEC compliance:
Meets IEC 60603-7 UL-rated: UL 1863 approved
IP compliance:
Rated IP20
RoHS compliancy status:
Compliant
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE+ applications
Other
standard compliances:
UL AWM Style 2463 (80°C 600V) Flex Life Test: 1 million cycles at 10x
cable diameter; 10 million cycles at 20x cable diameter Torsion Life Test:
3 million cycles, 360°
Temperature rating:
-10°C to 60°C (14°F to 140°F) operating;
-40°C to 70°C (-40°F to 158°F) storage
Wiring scheme:
T568B
Cable jacket diameter:
7.4 mm (0.29 in.) nominal
Flame rating:
CMR (UL1685)
Packaging:
1 unit per polyethylene bag, 10 units per carton
key features and benefits
Robust
600V-rated construction:
Allows for patch runs between automation devices in industrial environments;
rated for 600V panel or on-machine applications when the space is shared with
high voltage power cables; plug contact plated with 50 micro-inches of gold
100% performance tested
for wire map, NEXT, and
return loss:
Factory testing provides confidence that each patch cord delivers
specified performance
Centered
de-embedded plug:
Performs in center of ANSI/TIA-568-C.2 component range, ensuring
interoperability and optimum performance
Integral pair manager:
Optimizes performance and consistency by reducing untwist at the plug
Flexible stranded cable:
26 AWG stranded copper cable with a nominal diameter of 7.4mm (0.29 in.)
allows for high density applications and superior panel cable management
Identification provides
for future traceability:
Identification of performance level, length, and quality control number is
provided on each cord
IndustrialNet™ Patch Cords provide an ideal solution
to support Industrial Ethernet from the Local Area
Network (LAN) based support offices to the
processing devices on the plant floor. The industrial
Ethernet patch cord is a key component to an overall
industrial Ethernet application. The patch cord will be
the interface that protects the integrity of the Ethernet
data transfer from the switch or PLC out to the
devices or up to the horizontal plant backbone. The
patch cord incorporates a durable oil and UV resistant
TPE jacketed cable with modular plugs and is fully
shielded for use in high noise (EMI/RFI) environments.
Key applications include:
• 10BASE-T (Ethernet)
• 100BASE-T (Fast Ethernet)
• 1000BASE-T (Gigabit Ethernet)
• Industrial Ethernet
• Ethernet/IP
• Control Panel deployments featuring power
source voltages
• Uplinks featuring gigabit data transmission
from the control panel to the consolidation point
• High flex applications – Robotic, C-Track
IndustrialNet ™ Category 6A Shielded
600 V-Rated Patch Cords
CM/CMX
:
^ISTPH6X1M**
IndustrialNet ™ Category 6A SF/UTP
Copper Cable
CMR/CMX 4-pair: ISFCH6X04B**-UG
IndustrialNet ™ Category 6/5e
RJ45 Field Terminable Plug
Field
terminable plug:
ISPS688MFA
IndustrialNet ™ M12 X-Code Field
Terminable Plug
Field
terminable Plug:
ISPS6A88MFA
IndustrialNet ™ M12 X-Code to RJ45
Panel Mount Adapter
Panel
mount adapter:
ICAM12DRJS
Mini-Com ® Modular Patch Panel
8-port:
CDPP8RG
DIN Rail Adapter
1-port:
CADIN1IW***
^For other lengths, change the length in the part
number, to the desired length (0.3M, 0.6M, 1M,
1.5M, 2M, 2.5M, 3M, 3.5M, 4M, 4.5M, 5M, 7M,
10M, 15M, or 20M)
**To designate color, add suffix TL (Teal) or
BL (Black)
***For standard colors other than
IG (International Gray), replace suffix with
WH (White), IW (Off White), BL (Black) or
EI (Electric Ivory).


Similar Part No. - ICAM12DRJS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ICAM12DRJS PANDUIT-ICAM12DRJS Datasheet
435Kb / 2P
IndustrialNet™ Category 6A RJ45 Field Terminable Plug
10//2018
ICAM12DRJS PANDUIT-ICAM12DRJS Datasheet
354Kb / 2P
IndustrialNet Category 5e Shielded 600 V-Rated Patch Cords
3/2017
More results

Similar Description - ICAM12DRJS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
IP67RJI45 ITT-IP67RJI45 Datasheet
50Kb / 1P
Ethernet Patch Cords with connectors
logo
Pomona Electronics
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Hubbell Incorporated.
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com