Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1 Datasheet(PDF) 21 Page - Raspberry Pi Holdings PLC

Part # CM1
Description  Raspberry Pi Compute Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM1 Datasheet(HTML) 21 Page - Raspberry Pi Holdings PLC

Back Button CM1 Datasheet HTML 14Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 15Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 16Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 17Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 18Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 19Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 20Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 21Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 22Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Compute Module Datasheet
Copyright Raspberry Pi (Trading) Ltd. 2016
9.1.4
SD/SDIO Interface
The BCM283x supports two SD card interfaces, SD0 and SD1.
The first (SD0) is a proprietary Broadcom controller that does not support SDIO and is the primary
interface used to boot and talk to the eMMC or SDX x signals.
The second interface (SD1) is standards compliant and can interface to SD, SDIO and eMMC devices;
for example on a Raspberry Pi 3 it is used to talk to the on-board BCM43438 WiFi device in SDIO
mode.
Both interfaces can support speeds up to 50MHz single ended (SD High Speed Mode).
9.2
CSI (MIPI Serial Camera)
Currently the CSI interface is not openly documented and only CSI camera sensors supported by the
official Raspberry Pi firmware will work with this interface. Supported sensors are the OmniVision
OV5647 and Sony IMX219.
It is recommended to attach other cameras via USB.
9.3
DSI (MIPI Serial Display)
Currently the DSI interface is not openly documented and only DSI displays supported by the official
Raspberry Pi firmware will work with this interface.
Displays can also be added via the parallel DPI interface which is available as a GPIO alternate function
- see Table 9 and Section 9.1.3
9.4
USB
The BCM283x USB port is On-The-Go (OTG) capable. If using either as a fixed slave or fixed master,
please tie the USB OTGID pin to ground.
The USB port (Pins USB DP and USB DM) must be routed as 90 ohm differential PCB traces.
Note that the port is capable of being used as a true OTG port however there is no official documentation.
Some users have had success making this work.
9.5
HDMI
BCM283x supports HDMI V1.3a.
It is recommended that users follow a similar arrangement to the Compute Module IO Board circuitry
for HDMI output.
The HDMI CK P/N (clock) and D0-D2 P/N (data) pins must each be routed as matched length 100
ohm differential PCB traces. It is also important to make sure that each differential pair is closely phase
matched. Finally, keep HDMI traces well away from other noise sources and as short as possible.
Failure to observe these design rules is likely to result in EMC failure.
20
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com