Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0369 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC0369
Description  Raspberry Pi DAC Pro
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0369 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC0369 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0369 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0369 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0369 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0369 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0369 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Raspberry Pi DAC Pro – Raspberry Pi Ltd
Specification
Form factor:
58 mm × 65 mm
Performance:
Full high definition 24-bit 192kHz Texas Instruments
PCM5242 digital audio codec (DAC)
Input power:
Supplied by Raspberry Pi through the 40-pin GPIO header. No
external power source required
Features:
Power LED
Analogue out (0–2V RMS via P7)
Dedicated headphone amplifier, output via 3.5mm
panel-mounted barrel socket
Panel-mounted stereo phono (RCA) socket output
40-pin pass-through GPIO header
HAT EEPROM write-enabled
Operating temperature:
0°C–50°C
Production lifetime:
Raspberry Pi understands the value to customers of long-term
availability of product, and therefore aims to continue supply
for as long as practically possible. We expect Raspberry Pi
DAC Pro to remain in production until 2028
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com