Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRYPI-3 Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # RASPBERRYPI-3
Description  Model A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

RASPBERRYPI-3 Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  RASPBERRYPI-3 Datasheet HTML 1Page - Raspberry Pi Holdings PLC RASPBERRYPI-3 Datasheet HTML 2Page - Raspberry Pi Holdings PLC RASPBERRYPI-3 Datasheet HTML 3Page - Raspberry Pi Holdings PLC RASPBERRYPI-3 Datasheet HTML 4Page - Raspberry Pi Holdings PLC RASPBERRYPI-3 Datasheet HTML 5Page - Raspberry Pi Holdings PLC RASPBERRYPI-3 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Overview
The Raspberry Pi 3 Model A+ is the latest product in the Raspberry Pi
3 range. Like the Raspberry Pi 3 Model B+, it boasts a 64-bit quad core
processor running at 1.4 GHz, dual-band 2.4 GHz and 5 GHz wireless
LAN, and Bluetooth 4.2/BLE.
The dual-band wireless LAN comes with modular compliance
certification, allowing the board to be designed into end products with
significantly reduced wireless LAN compliance testing, improving both
cost and time to market.
The Raspberry Pi 3 Model A+ has the same mechanical footprint as the
Raspberry Pi 1 Model A+.
2
Raspberry Pi 3 Model A+ Product Brief



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com