Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRYPI-5 Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # RASPBERRYPI-5
Description  Raspberry Pi 5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

RASPBERRYPI-5 Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  RASPBERRYPI-5 Datasheet HTML 1Page - Raspberry Pi Holdings PLC RASPBERRYPI-5 Datasheet HTML 2Page - Raspberry Pi Holdings PLC RASPBERRYPI-5 Datasheet HTML 3Page - Raspberry Pi Holdings PLC RASPBERRYPI-5 Datasheet HTML 4Page - Raspberry Pi Holdings PLC RASPBERRYPI-5 Datasheet HTML 5Page - Raspberry Pi Holdings PLC RASPBERRYPI-5 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Overview
Welcome to the latest generation of Raspberry Pi: the everything computer.
Featuring a 64-bit quad-core Arm Cortex-A76 processor running at 2.4GHz, Raspberry Pi 5
delivers a 2–3× increase in CPU performance relative to Raspberry Pi 4. Alongside a
substantial uplift in graphics performance from an 800MHz VideoCore VII GPU; dual
4Kp60 display output over HDMI; and state-of-the-art camera support from a rearchitected
Raspberry Pi Image Signal Processor, it provides a smooth desktop experience for
consumers, and opens the door to new applications for industrial customers.
For the first time, this is a full-size Raspberry Pi computer using silicon built in-house
at Raspberry Pi. The RP1 “southbridge” provides the bulk of the I/O capabilities for
Raspberry Pi 5, and delivers a step change in peripheral performance and functionality.
Aggregate USB bandwidth is more than doubled, yielding faster transfer speeds to external
UAS drives and other high-speed peripherals; the dedicated two-lane 1Gbps MIPI camera
and display interfaces present on earlier models have been replaced by a pair of four-lane
1.5Gbps MIPI transceivers, tripling total bandwidth, and supporting any combination of
up to two cameras or displays; peak SD card performance is doubled, through support for
the SDR104 high-speed mode; and for the first time the platform exposes a single-lane
PCI Express 2.0 interface, providing support for high-bandwidth peripherals.
Raspberry Pi 5 – Raspberry Pi Ltd
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com