Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0623 Datasheet(PDF) 8 Page - Raspberry Pi Holdings PLC

Part # SC0623
Description  Micro USB Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0623 Datasheet(HTML) 8 Page - Raspberry Pi Holdings PLC

  SC0623 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0623 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Raspberry Pi 12.5W micro USB Power Supply – Raspberry Pi (Trading) Ltd
8
冠
冠德
德科
科技
技股
股份
份有
有限
限公
公司
司
KUANTECHINCORPORATEDCOMPANY
S
witching power supply specification(class B)
KUANTECH P/N:
PRODUCT NO:
CUSTOMER P/N:
KSA-13B-051250HK
KS059819
TITLE:
REVISION: B
DRAWING NO.:
PREPARED : 廖
廖小
小艳
艳
CHECKED: 姚
姚聪
聪
雷
雷兵
兵
APPROVED : 贺
贺洪
洪明
明
DATE: 2020-11-26
PAGE: 10 OF 11
9
DIMENSION OF OUTPUT PLUG & DC CORD (Unit: mm)
Case material
UL94V-0
AC pin material
Brass (Ni-plated)
DC cord and output plug
note: all dimensions in mm
冠
冠德
德科
科技
技股
股份
份有
有限
限公
公司
司
KUANTECHINCORPORATEDCOMPANY
S
witching power supply specification(class B)
KUANTECH P/N:
PRODUCT NO:
CUSTOMER P/N:
KSA-13B-051250HK
KS059819
TITLE:
REVISION: B
DRAWING NO.:
PREPARED : 廖
廖小
小艳
艳
CHECKED: 姚
姚聪
聪
雷
雷兵
兵
APPROVED : 贺
贺洪
洪明
明
DATE: 2020-11-26
PAGE: 10 OF 11
9
DIMENSION OF OUTPUT PLUG & DC CORD (Unit: mm)
WARNINGS
•
This product should be operated in a well-ventilated environment.
•
The connection of incompatible devices to this power supply may affect compliance, result in damage to the unit and
invalidate the warranty.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; this is designed for reliable operation at normal ambient room temperatures.
•
Do not attempt to open or remove the power supply case.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com