Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0624 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC0624
Description  Micro USB Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0624 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC0624 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0624 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Raspberry Pi 12.5W micro USB Power Supply – Raspberry Pi (Trading) Ltd
3
Specification
Output
Output voltage:
+5.1V DC
Minimum load current:
0.0A
Nominal load current:
2.5A
Maximum power:
12.5W
Load regulation:
±5%
Line regulation:
±2%
Ripple & noise:
120mVp-p
Rise time:
100ms maximum to regulation limits for DC outputs
Turn-on delay:
3000ms maximum at nominal input AC voltage
and full load
Protection:
Short circuit protection
Overcurrent protection
Efficiency:
80.73% minimum (output current from 100%, 75%,
50%, 25%)
Output cable:
1.5m 18AWG
Output connector:
micro USB
Input
Voltage range:
100–240Vac (rated)
96–264Vac (operating)
Frequency:
50/60Hz ±3Hz
Current:
0.5A maximum
Power consumption (no load):
0.075W maximum
Inrush current:
No damage shall occur and the input fuse shall not blow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com