Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0626 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC0626
Description  Micro USB Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0626 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC0626 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0626 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Raspberry Pi 12.5W micro USB Power Supply – Raspberry Pi (Trading) Ltd
4
Plug styles
Part number
Product number
Colour
Plug Style
Plug Type
KSA-13B-051250HU SC0623
White
US
Type A
KSA-13B-051250HE SC0624
White
Europe
Type C
KSA-13B-051250HK SC0625
White
UK
Type G
KSA-13B-051250HA SC0626
White
Australia
New Zealand
China
Type I
KSA-13B-051250HI SC0627
White
India
Type D (2 pin)
Environment
Operating ambient temperature 0–40°C
Compliance
For a full list of local and regional product approvals, please visit
pip.raspberrypi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com