Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0627 Datasheet(PDF) 7 Page - Raspberry Pi Holdings PLC

Part # SC0627
Description  Micro USB Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0627 Datasheet(HTML) 7 Page - Raspberry Pi Holdings PLC

  SC0627 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 8Page - Raspberry Pi Holdings PLC SC0627 Datasheet HTML 9Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Raspberry Pi 12.5W micro USB Power Supply – Raspberry Pi (Trading) Ltd
7
冠
冠德
德科
科技
技股
股份
份有
有限
限公
公司
司
KUANTECHINCORPORATEDCOMPANY
S
witching power supply specification(class B)
KUANTECH P/N:
PRODUCT NO:
CUSTOMER P/N:
KSA-13B-051250HI
KS210240
TITLE:
REVISION: A
DRAWING NO.:
PREPARED : 陈
陈瑾
瑾
CHECKED: 胡
胡亮
亮
吴
吴清
清雄
雄
APPROVED : 贺
贺洪
洪明
明
DATE: 2021-03-19
PAGE: 8 OF 11
7
APPEARANCE DRAWING: (Unit: mm)
NOTE: 1. Case cover & chassis material:
PC
WHITE (WT-75)
2. AC PIN MATERIAL: BRASS (NI PLATED)
3. PAHS 6P NP REACH RoHS
4. Satin Finish
5. Top mold: MSS019014; Bottom mold:MSS020032
KSA-13B-051250HI
note: all dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com