Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1148 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1148
Description  Raspberry Pi Active Cooler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1148 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1148 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1148 Datasheet HTML 7Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specification
Input voltage:
5V DC supplied via four-pin fan header on Raspberry Pi 5
Fan speed control:
Pulse width modulation control with tachometer
Maximum airflow:
1.09 CFM
Maximum fan speed: 8000 RPM +/- 15%
Product material:
Anodised aluminium
Production lifetime:
The Raspberry Pi Active Cooler for Raspberry Pi 5 will remain in
production until at least January 2036
Compliance:
For a full list of local and regional product approvals,
please visit pip.raspberrypi.com
Raspberry Pi Active Cooler for Raspberry Pi 5 – Raspberry Pi Ltd
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com