Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1160 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC1160
Description  Raspberry Pi Case
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1160 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1160 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1160 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Assembly instructions
1. Unpack the case from the box and remove the accessories envelope.
2. Remove the heatsink from the envelope inside the case.
3. Remove the heatsink backing and stick the heatsink to the raised section of the CPU
on Raspberry Pi 5. Push down on the heatsink to achieve good adhesion of the heatsink
to the CPU.
4. Remove the four silicone feet from the accessories envelope and stick these to the
underside of the base of the case in the lozenge-shaped areas provided.
5. Unclip the white frame containing the fan assembly from the red base, and insert your
Raspberry Pi 5 into the base. The board fits under the plastic tab at the SD card end.
Make sure that the board sits flat in the base and that the connectors are aligned to the
holes.
6. Lay the white frame containing the fan assembly upside-down next to the red base,
and connect the fan cable to the four-pin connector labelled ‘FAN’ on Raspberry Pi 5.
Take care to ensure that the cable’s connector is the correct way round when inserting it.
Make sure that the fan cable is fully connected.
7. Clip the the white frame containing the fan assembly back onto the red base to complete
the assembly.
8. Now you can connect the necessary cables to your Raspberry Pi and turn on power.
The button on the case can be used to power up or power down your Raspberry Pi.
9. Optionally, the lid can be unclipped to reveal the fan, mounting points, and cable breakout
slots, such as GPIO.
10. Holes for optional HAT and case mounting and for case stacking are provided
in the transparent part of the fan assembly and in the underside of the base.
Suitable stand-offs and GPIO header extenders (not included) are required to mount
HATs on top of the case.
11. The fan assembly with its transparent surround can be unclipped from the white frame
if you wish to use the case without the fan.
Raspberry Pi Case for Raspberry Pi 5 – Raspberry Pi Ltd
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com