Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1975 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1975
Description  Raspberry Pi Touch Display 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1975 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1975 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1975 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Raspberry Pi Touch Display 2
Specification
Size
5″ display:
91.46 mm × 143.4 mm
7″ display:
120.24 mm × 189.32 mm
Active area
5″ display:
62.1 mm × 110.4 mm
7″ display:
86.94 mm × 154.56 mm
Viewing angle
5″ display:
80 degrees
7″ display:
85 degrees
Display format
24-bit RGB
720 × 1280 pixels
Display type
True multi-touch capacitive touch panel, supporting five-finger touch
Liquid Crystal Display Thin-Film Transistor (LCD TFT)
Normally black
Transmissive
Touch response time
Typical:
35 ms
Max:
40 ms
Surface treatment
Anti-glare
Colour configuration
RGB-stripe
Backlight brightness
500 cd/m²
Operating temperature
−20°C to +70°C
Production lifetime
Raspberry Pi Touch Display 2 will remain in production until at least
January 2030
Compliance
For a full list of local and regional product approvals, please visit
pip.raspberrypi.com
Specification
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com