Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32021 Datasheet(PDF) 10 Page - EPCOS

Part # B32021
Description  Film Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32021 Datasheet(HTML) 10 Page - EPCOS

Back Button B32021 Datasheet HTML 6Page - EPCOS B32021 Datasheet HTML 7Page - EPCOS B32021 Datasheet HTML 8Page - EPCOS B32021 Datasheet HTML 9Page - EPCOS B32021 Datasheet HTML 10Page - EPCOS B32021 Datasheet HTML 11Page - EPCOS B32021 Datasheet HTML 12Page - EPCOS B32021 Datasheet HTML 13Page - EPCOS B32021 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Test
Reference
Conditions of test
Performance requirements
Damp heat,
steady
state
IEC
60384-14:2013/
AMD1:2016
Test Ca
40
°C / 93% RH / 56 days
No visible damage
ΔC/C
0
≤ 5%
Δ tan δ ≤ 0.008 for C ≤ 1 μF
Δ tan δ ≤ 0.005 forC>1 μF
Voltage proof
Rins
≥ 50% of initial limit
Impulse
test
Endurance
IEC
60384-14:2013/
AMD1:2016
3 impulses
Tb / 1.7 VR / 1000 hours,
1000 VRMS for 0.1 s every hour
No visible damage
ΔC/C
0
≤ 10%
Δ tan δ ≤ 0.008 for C ≤ 1 μF
Δ tan δ ≤ 0.005 forC>1 μF
Voltage proof
Rins
≥ 50% of initial limit
Passive
flammability
IEC
60384-14:2013/
AMD1:2016
Flame applied for a period of
time depending on capacitor
volume
B
Active
flammability
IEC
60384-14:2013/
AMD1:2016
20 discharges at 2.5 kV + VR
The cheesecloth shall not
burn with a flame
B32021 ... B32026
Y2/300VAC
Page 10 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com