Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32671L Datasheet(PDF) 4 Page - EPCOS

Part # B32671L
Description  Film Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L Datasheet(HTML) 4 Page - EPCOS

  B32671L Datasheet HTML 1Page - EPCOS B32671L Datasheet HTML 2Page - EPCOS B32671L Datasheet HTML 3Page - EPCOS B32671L Datasheet HTML 4Page - EPCOS B32671L Datasheet HTML 5Page - EPCOS B32671L Datasheet HTML 6Page - EPCOS B32671L Datasheet HTML 7Page - EPCOS B32671L Datasheet HTML 8Page - EPCOS B32671L Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VRMS
f
≤1 kHz
VAC
VR
VDC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerances on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K=
±10%
J=
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
003 = Straight terminals, untaped (lead length
3.2
± 0.3 mm)
000 = Straight terminals, untaped (lead length
6 1 mm)
200
400
22
4.0
× 9.0 × 13.0 B32671L4223+***
4000
6800
4000
33
4.0
× 9.0 × 13.0 B32671L4333+***
4000
6800
4000
47
5.0
× 11.0 × 13.0 B32671L4473+***
3320
5200
4000
68
5.0
× 11.0 × 13.0 B32671L4683+***
3320
5200
4000
100
6.0
× 12.0 × 13.0 B32671L4104+***
2720
4400
4000
250
630
15
4.0
× 9.0 × 13.0 B32671L6153+***
4000
6800
4000
22
5.0
× 11.0 × 13.0 B32671L6223+***
3320
5200
4000
33
5.0
× 11.0 × 13.0 B32671L6333+***
3320
5200
4000
47
6.0
× 12.0 × 13.0 B32671L6473+***
2720
4400
4000
56
6.0
× 12.0 × 13.0 B32671L6563+***
2720
4400
4000
250
1000
4.7 4.0
× 9.0 × 13.0 B32671L9472+***
4000
6800
4000
6.8 4.0
× 9.0 × 13.0 B32671L9682+***
4000
6800
4000
10
5.0
× 11.0 × 13.0 B32671L9103+***
3320
5200
4000
15
5.0
× 11.0 × 13.0 B32671L9153+***
3320
5200
4000
22
6.0
× 12.0 × 13.0 B32671L9223+***
2720
4400
4000
500
1000
3.3 4.0
× 9.0 × 13.0 B32671L0332+***
4000
6800
4000
3.9 4.0
× 9.0 × 13.0 B32671L0392+***
4000
6800
4000
4.7 4.0
× 9.0 × 13.0 B32671L0472+***
4000
6800
4000
5.6 5.0
× 11.0 × 13.0 B32671L0562+***
3320
5200
4000
6.2 5.0
× 11.0 × 13.0 B32671L0622+***
3320
5200
4000
6.8 5.0
× 11.0 × 13.0 B32671L0682+***
3320
5200
4000
8.2 6.0
× 12.0 × 13.0 B32671L0822+***
2720
4400
4000
10
6.0
× 12.0 × 13.0 B32671L0103+***
2720
4400
4000
12
6.0
× 12.0 × 13.0 B32671L0123+***
2720
4400
4000
B32671L
High V AC, high temperature (wound)
Page4of39
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com