Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32921 Datasheet(PDF) 6 Page - EPCOS

Part # B32921
Description  Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921 Datasheet(HTML) 6 Page - EPCOS

  B32921 Datasheet HTML 1Page - EPCOS B32921 Datasheet HTML 2Page - EPCOS B32921 Datasheet HTML 3Page - EPCOS B32921 Datasheet HTML 4Page - EPCOS B32921 Datasheet HTML 5Page - EPCOS B32921 Datasheet HTML 6Page - EPCOS B32921 Datasheet HTML 7Page - EPCOS B32921 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+***
350
320
0.82
11.0
× 19.0 × 31.5 B32924C3824+***
350
320
1.0
11.0
× 21.0 × 31.5 B32924A2105+***
350
320
1.0
11.0
× 19.0 × 31.5 B32924C3105+***
350
320
1.5
13.5
× 23.0 × 31.5 B32924A2155M***
250
260
1.5
14.0
× 24.5 × 31.5 B32924B2155+***
260
1.5
12.5
× 21.5 × 31.5 B32924C3155+***
300
280
2.2
18.0
× 27.5 × 31.5 B32924A2225+***
200
2.2
14.0
× 24.5 × 31.5 B32924C3225+***
260
3.3
21.0
× 31.0 × 31.5 B32924A2335M***
180
3.3
18.0
× 27.5 × 31.5 B32924C3335M***
200
3.3
16.0
× 32.0 × 31.5 B32924D3335+***
220
4.7
22.0
× 36.5 × 31.5 B32924A2475M***
160
4.7
18.0
× 33.0 × 31.5 B32924C3475M***
200
4.7
21.0
× 31.0 × 31.5 B32924D3475M***
180
5.6
22.0
× 36.5 × 31.5 B32924C3565+***
160
37.5
2.2
14.0
× 25.0 × 41.5 B32926C3225+***
115
3.3
18.0
× 32.5 × 41.5 B32926A2335+***
90
3.3
16.0
× 28.5 × 41.5 B32926C3335+***
100
4.7
20.0
× 39.5 × 41.5 B32926A2475M***
75
4.7
18.0
× 32.5 × 41.5 B32926C3475+***
90
5.6
20.0
× 39.5 × 41.5 B32926A2565M***
75
5.6
18.0
× 32.5 × 41.5 B32926C3565+***
90
6.8
28.0
× 42.5 × 41.5 B32926A2685M***
55
6.8
20.0
× 39.5 × 41.5 B32926C3685+***
75
8.2
28.0
× 42.5 × 41.5 B32926A2825M***
55
8.2
20.0
× 39.5 × 41.5 B32926C3825+***
55
10.0
28.0
× 42.5 × 41.5 B32926C3106+***
55
B32921 ... B32926
X2 / 305 VAC
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com