Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSD100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SGSD100
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSD100 Datasheet(HTML) 2 Page - STMicroelectronics

  SGSD100 Datasheet HTML 1Page - STMicroelectronics SGSD100 Datasheet HTML 2Page - STMicroelectronics SGSD100 Datasheet HTML 3Page - STMicroelectronics SGSD100 Datasheet HTML 4Page - STMicroelectronics SGSD100 Datasheet HTML 5Page - STMicroelectronics SGSD100 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Ju nction- case
Max
0.96
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collecto r Cu t-of f
Current (IE =0)
VCE =80 V
VCE =80 V
Tc = 100
oC
0. 5
1. 5
mA
mA
ICEV
Collecto r Cu t-of f
Current (VBE = -0.3V)
VCE =80 V
VCE =80 V
Tc = 100
oC
0. 1
2
mA
mA
ICEO
Collecto r Cu t-of f
Current (IB =0)
VCE =60 V
VCE =60 V
Tc = 100
oC
0. 5
1. 5
mA
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
2
mA
VCEO(su s)
∗ Collector-Emitter
Sustaining Voltage
IC =50 mA
80
V
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =5 A
IB =20 mA
IC =5 A
IB =20 mA
Tc = 100
oC
IC =10 A
IB =4 0 mA
IC =10 A
IB =4 0 mA
Tc =1 00
oC
IC =20 A
IB =8 0 mA
IC =20 A
IB =8 0 mA
Tc =1 00
oC
0.95
0.8
1.2
1.3
2
2.3
1. 2
1.75
3. 5
V
V
V
V
V
V
VBE(sat)
∗ Base-Emitter
Satu ration Vo ltage
IC =20 A
IB =8 0 mA
IC =20 A
IB =8 0 mA
Tc =1 00
oC
2.6
2.5
3. 3
V
V
VBE
∗
Base-Emitter Volta ge
IC =10 A
VCE =3 V
IC =10 A
VCE =3 V
Tc = 100
oC
11.8
1.6
3V
V
hFE
∗
DC Current Gain
IC =5 A
VCE =3 V
IC =5 A
VCE =3 V
Tc =1 00
oC
IC =10 A
VCE =3 V
IC =10 A
VCE =3 V
Tc = 100
oC
IC =20 A
VCE =3 V
IC =20 A
VCE =3 V
Tc = 100
oC
600
500
300
5000
8000
4000
8000
2000
2000
150 00
120 00
6000
VF
∗
Diod e Forward Voltage IF =5 A
IF =5 A
Tc =1 00
oC
IF =10 A
IF =10 A
Tc = 100
oC
IF =20 A
IF =20 A
Tc = 100
oC
1.2
0.85
1.6
1.4
2.3
1.3
V
V
V
V
V
V
Es/b
Second Breakdown
Energy
VCC = 3 0 V
L= 3mH
VCC = 3 0 V
L= 3mH
Tc =1 00
oC
250
250
mJ
mJ
Is/b
Second Breakdown
Current
VCE = 25 V t = 500 ms
6
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP type voltage and current values are negative.
SGSD100/SGSD200
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com