Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

407F37DM Datasheet(PDF) 2 Page - CTS Corporation

Part # 407F37DM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

407F37DM Datasheet(HTML) 2 Page - CTS Corporation

  407F37DM Datasheet HTML 1Page - CTS Corporation 407F37DM Datasheet HTML 2Page - CTS Corporation 407F37DM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0261-0
Page 2 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 407
7.0x5.0mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode (Note 1)
Fundamental or 3RD Overtone
Crystal Cut
AT-Cut
Frequency Range
8.0 MHz to 100.0 MHz
± 30 ppm Standard
(± 10 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
4.0 pF Maximum
(2.5 pF ± 0.5 pF Typical)
Drive Level
25 µW Typical, 100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Frequency Tolerance @ 25°C
Operating Temperature Range
Shunt Capacitance (C0)
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
8.000 MHz - 15.999 MHz
Fundamental
60 Ohms
16.000 MHz - 50.000 MHz
Fundamental
40 Ohms
30.001 MHz - 60.000 MHz
3RD Overtone
100 Ohms
60.001 MHz - 100.000 MHz
3RD Overtone
80 Ohms
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
Inch
( MM )
Key:
0.197 ±0.008
( 5.00 ±0.20 )
0.047
0.276 ±0.008
( 7.00 ±0.20 )
( 1.20 )
( 4.6 )
0.181
0.047
( 1.2 )
0.100
( 2.54 )
Top View
Bottom View
Max
4
1
3
2
3
2
4
1
( 1.0 )
0.039
Notes:
1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are connected internally.
End user may connect these pins to circuit ground.
1. ** - Manufacturing Site Code.
2. YWW – Date Code, Y – Last Digit of Year,
WW – Week.
3. XXXMXXXX – Frequency marked with 4
significant digits after the ‘M’.
4. Complete CTS part number, frequency value and
date code information must appear on reel and
box labels.
CTS ** YWW
● XXXMXXXX
SUGGESTED SOLDER PAD GEOMETRY
0.252 [6.40]
0.100 [2.54]
0.087 [2.20]
Key:
[mm]
Inch
0.055 [1.40]
12
3
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com