Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1590TRPBYL. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590TRPBYL.
Description  Natural Finish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590TRPBYL. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590TRPBYL. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View Looking inside Box
SECTION A-A
Side View of Assembly
SECTION B-B
Large end View
SECTION C-C
Small End View
Lid
Na tura l Finish Enclosure
1590TRPB
Bla ck Te x ture d Enclosure
1590TRPBBK
Pla te d Cove r Scre w s (Pkg 100)
[6-32 x 1/2"]
1590MS100
Bla ck Cove r Scre w s (Pkg 100)
[6-32 x 1/2"]
1590MS100BK
ACCESSORIES
Recommended T orque: 75 ozf.in / 55 cN.m
NOTE
Purchased assembly includes box, lid and 4 cover screws.
Box and lid are made from Diecast Aluminum Alloy.
PART NUMBERS
1590TRPB Enclosure
A
A
BB
C
C
1590TRPB
Dimensions:
mm
[inches]
68.58
[2.700]
50.80
[2.000]
106.29
[4.184]
Inner Box Length
72.65
[2.860]
Inside-Bottom
Large End Width
103.19
[4.062]
69.24
[2.726]
53.64
[2.112]
78.96
[3.109]
61.46
[2.420]
112.00
[4.409]
33.20
[1.307]
[Inner Wall Height]
35.20
[1.386]
[Inner Box Height]
2.00
[.079]
Wall Thickness
39.20
[1.543]
101.60
[4.000]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
62.58
[2.464]
95.51
[3.760]
44.80
[1.764]
56.50
[2.225]
Inside-Bottom
Small End Width
2.00
[.079]
6.00
[.236]
Lid
Box
6-32 UNC
17.50
 4.00  2.00
4.00 THRU
 6.60 X 82.0°


Similar Part No. - 1590TRPBYL.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590T HAMMOND-1590T Datasheet
239Kb / 1P
Enclosures Box
1590T HAMMOND-1590T Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
1590T HAMMOND-1590T Datasheet
1Mb / 6P
Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
9/23/24, 2:41 AM
1590T HAMMOND-1590T Datasheet
504Kb / 7P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
11/1/2017
1590T HAMMOND-1590T Datasheet
519Kb / 6P
Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
12/27/2018
More results

Similar Description - 1590TRPBYL.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNMF100AC115 HAMMOND-DNMF100AC115 Datasheet
210Kb / 1P
Finish - Housing - Black Painted Aluminum
DNMF100AC230 HAMMOND-DNMF100AC230 Datasheet
210Kb / 1P
Finish - Housing - Black Painted Aluminum
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L Datasheet
748Kb / 3P
Lead Free Finish/RoHS Compliant
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0503H CUI-HSS-B20-0503H Datasheet
329Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com