Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF5GEN Datasheet(PDF) 2 Page - Schneider Electric

Part # VCF5GEN
Description  TeSys VARIO - enclosed emergency stop switch disconnector - 100 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF5GEN Datasheet(HTML) 2 Page - Schneider Electric

  VCF5GEN Datasheet HTML 1Page - Schneider Electric VCF5GEN Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Breaking capacity
1000 A at 400 V (AC-21A)
1000 A at 400 V (AC-22A)
1000 A at 400 V (AC-23A)
Mechanical durability
30000 cycles
Electrical durability
30000 cycles DC-1...5
30000 cycles AC-21
Environmental characteristic
Standard environment
Suitability for isolation
Yes
Connections - terminals
Control circuit : connector cable 95 mm² - cable stiffness: solid -
Control circuit : connector cable 70 mm² - cable stiffness: flexible - with cable end cable end
Tightening torque
Control circuit : 22.6 N.m - on connector
Fire resistance
960 °C conforming to IEC 60595-2-1
Base dimension
90 x 90 mm
Height
291 mm
Width
241 mm
Depth
191 mm
Product weight
2.19 kg
Compatibility code
Enclosed switch disconnector
Environment
Standards
IEC 60947-4-1
IEC 60204
Protective treatment
TC
IP degree of protection
IP65 conforming to IEC 60529
Mechanical robustness
Vibrations 10...150 Hz 1 gn IEC 60068-2-6
Shocks 11 ms 30 Gn IEC 60068-2-27
Ambient air temperature for operation
-20...50 °C
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0738  -  Schneider Electric declaration of conformity
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Need no specific recycling operations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com