Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF6GEN Datasheet(PDF) 1 Page - Schneider Electric

Part # VCF6GEN
Description  TeSys VARIO - enclosed emergency stop switch disconnector - 140 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF6GEN Datasheet(HTML) 1 Page - Schneider Electric

  VCF6GEN Datasheet HTML 1Page - Schneider Electric VCF6GEN Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr 25, 2018
1
Product data sheet
Characteristics
VCF6GEN
TeSys VARIO - enclosed emergency stop switch
disconnector - 140 A
Main
Range
TeSys
Product name
TeSys VARIO
Device short name
VCF
Product or component type
Emergency stop switch disconnector
Performance level
High performance
Poles description
3P
Control type
Rotary handle
Type of operator
Long handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks with 4...8 mm
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC
[Uimp] rated impulse withstand voltage
8 kV
[Ithe] conventional enclosed thermal
current
140 A
[Ie] rated operational current
83 A AC-23A 400 V
Rated operational power in W
37 kW at 400 V AC-3
45 kW at 400 V AC-23
Intermittent duty class
30
Making capacity
1750 A at 400 V AC-21A
1750 A at 400 V AC-22A
1750 A at 400 V AC-23A
[Icm] rated short-circuit making
capacity
2.8 kA at 400 V at Ipeak
[Icw] rated short-time withstand current
2100 A at 400 V during 1 s
Rated conditional short-circuit current
10 kA at 400 V - associated fuse 200 A aM


Similar Part No. - VCF6GEN

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF6 SCHNEIDER-VCF6 Datasheet
128Kb / 3P
TeSys Vario - emergency stop switch disconnector - 175 A - on door
Jun 13, 2022
More results

Similar Description - VCF6GEN

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
VCFN20GE SCHNEIDER-VCFN20GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jun 13, 2022 1
VCFN40GE SCHNEIDER-VCFN40GE_V01 Datasheet
132Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jun 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com