Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSIF344 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SGSIF344
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSIF344 Datasheet(HTML) 1 Page - STMicroelectronics

  SGSIF344 Datasheet HTML 1Page - STMicroelectronics SGSIF344 Datasheet HTML 2Page - STMicroelectronics SGSIF344 Datasheet HTML 3Page - STMicroelectronics SGSIF344 Datasheet HTML 4Page - STMicroelectronics SGSIF344 Datasheet HTML 5Page - STMicroelectronics SGSIF344 Datasheet HTML 6Page - STMicroelectronics SGSIF344 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SGSIF344
SGSIF444
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
SGSIF344 IS SGS-THOMSON PREFERRED
SALESTYPE
s
HIGH VOLTAGE CAPABILITY
s
VERY HIGH SWITCHING SPEED
s
LOW BASE-DRIVE REQUIREMENTS
APPLICATIONS:
s
SWITCH MODE POWER SUPPLIES
s
HORIZONTAL DEFLECTION FOR COLOUR
TVS AND MONITORS
DESCRIPTION
The SGSIF344 and SGSIF444 are manufactured
using
Multiepitaxial
Mesa
technology
for
cost-effective high performance and uses a
Hollow Emitter structure to enhance switching
speeds.
These transistors are available in ISOWATT220
and ISOWATT218 plastic package respectively.
The SGSF series is designed for high speed
switching applications such as power supplies
and horizontal deflection circuits in TVs and
monitors.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
SGSIF344
SGSIF 444
VCES
Collect or-Emitter Volt age (VBE = 0)
1200
V
VCEO
Collect or-Emitter Volt age (IB = 0)
600
V
VEBO
Emitter-Base Volt age (IC =0)
7
V
IC
Collect or Current
7
A
ICM
Collect or Peak Current (tp <5 ms)
12
A
IB
Base Current
5
A
IBM
Base Peak Current (tp <5 ms)
8
A
Ptot
T otal Dissipation at Tc =25
oC40
50
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
ISOWATT220
ISOWATT218
1
2
3
1
2
3
1/7


Similar Part No. - SGSIF344

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGSIF344FP STMICROELECTRONICS-SGSIF344FP Datasheet
68Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-1999
More results

Similar Description - SGSIF344

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Nov-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
BUL381D STMICROELECTRONICS-BUL381D Datasheet
79Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jul-1997
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-2000
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Mar-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
High voltage fast-switching NPN power transistors
18-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com