Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBT14XH.M2P Datasheet(PDF) 6 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 6 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.5
91
Further information at www.HellermannTyton.com/fixings
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT14XHFC
12.3
362.0
17.0
102.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-00299
MBT17XHFC
12.3
434.0
17.0
125.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-01500
MBT20XHFC
12.3
521.0
17.0
152.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-00300
MBT23XHFC
12.3
575.0
17.0
168.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-01501
MBT27XHFC
12.3
681.0
17.0
203.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-00301
MBT30XHFC
12.3
754.0
17.0
225.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-01502
MBT33XHFC
12.3
838.0
17.0
254.0
1,620
SS316, SP
50 pcs.
15-18
00 000 00
111-00302
MBT43XHFC
12.3
1,092.0
17.0
330.0
1,620
SS316, SP
25 pcs.
15-18
00 000 00
111-01503
MBT49XHFC
12.3
1,245.0
17.0
380.0
1,620
SS316, SP
25 pcs.
15-18
00 000 00
111-01504
MBT14UHFC
16.0
362.0
25.0
102.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01512
MBT17UHFC
16.0
434.0
25.0
125.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01513
MBT20UHFC
16.0
521.0
25.0
152.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01514
MBT23UHFC
16.0
575.0
25.0
168.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01515
MBT27UHFC
16.0
681.0
25.0
203.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01516
MBT30UHFC
16.0
754.0
25.0
225.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01517
MBT33UHFC
16.0
838.0
25.0
254.0
2,500
SS316, SP
50 pcs.
15;17
00 000 00
111-01518
MBT43UHFC
16.0
1,092.0
25.0
330.0
2,500
SS316, SP
25 pcs.
15;17
00 000 00
111-01519
MBT49UHFC
16.0
1,245.0
25.0
380.0
2,500
SS316, SP
25 pcs.
15;17
00 000 00
111-01520
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Cable Ties and Fixings
Cable Ties, Stainless Steel
Cable Ties with Ball-Lock and Coating
MBT-FC-Series, Stainless Steel 316
MBT-Series 12.3 mm width
L
W
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
L
W
MBT-Series 16.0 mm width



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com