Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS08804 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS08804
Description  88.75MHz SAW Filter 1.6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS08804 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS08804 Datasheet HTML 1Page - SIPAT Co,Ltd LBS08804 Datasheet HTML 2Page - SIPAT Co,Ltd LBS08804 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS08804
Rev. Date
2005-6-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
88.75MHz SAW Filter
1.6MHz Bandwidth
Part Number: LBS08804
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
88.69
88.75
88.81
Insertion Loss
dB
22
23.5
1 dB Bandwidth
MHz
1.5
1.6
3 dB Bandwidth
MHz
1.66
40 dB Bandwidth
MHz
1.9
2
Passband Variation
dB
0.7
1
Group DelayVariation(f0±0.75MHz)
nsec
400
500
Absolute Delay
usec
10.4
Ultimate Rejection
dB
45
Subatrate Material
quartz
Ambient Temperature
°C
25
Package Size
DIP7320
(73.28x19.94x6.5mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=82nH
L2=82nH
L3=47nH
L4=82nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS08804

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS08804 SIPAT-LBS08804 Datasheet
145Kb / 3P
88.75MHz SAW Filter 1.6MHz Bandwidth
More results

Similar Description - LBS08804

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
logo
SIPAT Co,Ltd
LBS08804 SIPAT-LBS08804 Datasheet
145Kb / 3P
88.75MHz SAW Filter 1.6MHz Bandwidth
LBS10803 SIPAT-LBS10803 Datasheet
255Kb / 3P
108.1MHz SAW Filter 1.6MHz Bandwidth
LBS14033 SIPAT-LBS14033 Datasheet
320Kb / 3P
140MHz SAW Filter 1.6MHz Bandwidth
LBS17801 SIPAT-LBS17801 Datasheet
252Kb / 3P
178.1MHz SAW Filter 1.6MHz Bandwidth
LBS18502 SIPAT-LBS18502 Datasheet
252Kb / 3P
184.8MHz SAW Filter 1.6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com