Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM110C2 Datasheet(PDF) 2 Page - HellermannTyton.

Part # CTM110C2
Description  Cable Tie Mount, 0.19" Hole Dia., 0.2" Max Tie Width, PA66, White, 100/pkg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CTM110C2 Datasheet(HTML) 2 Page - HellermannTyton.

  CTM110C2 Datasheet HTML 1Page - HellermannTyton. CTM110C2 Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© HellermannTyton 2015
Operating Temperature
ROHS Compliant
Certification/Specification
UL Listed (US and Canada)
UL Recognized (US and Canada)
-40°F to +185°F (-40°C to +85°C)
Yes
UL
No
Yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com