Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2525AP Datasheet(PDF) 3 Page - STMicroelectronics

Part # SG2525AP
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG2525AP Datasheet(HTML) 3 Page - STMicroelectronics

  SG2525AP Datasheet HTML 1Page - STMicroelectronics SG2525AP Datasheet HTML 2Page - STMicroelectronics SG2525AP Datasheet HTML 3Page - STMicroelectronics SG2525AP Datasheet HTML 4Page - STMicroelectronics SG2525AP Datasheet HTML 5Page - STMicroelectronics SG2525AP Datasheet HTML 6Page - STMicroelectronics SG2525AP Datasheet HTML 7Page - STMicroelectronics SG2525AP Datasheet HTML 8Page - STMicroelectronics SG2525AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
(V# i = 20 V, and over operating temperature, unless otherwise specified)
Symbol
Parameter
Test Conditions
SG2525A
SG3525A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
REFERENCE SECTION
VREF
Output Voltage
Tj =25
°C
5.05
5.1
5.15
5
5.1
5.2
V
∆VREF
Line Regulation
Vi = 8 to 35 V
10
20
10
20
mV
∆VREF
Load Regulation
IL = 0 to 20 mA
20
50
20
50
mV
∆VREF/∆T* Temp. Stability
Over Operating Range
20
50
20
50
mV
*
Total Output Variation
Line, Load and
Temperature
5
5.2
4.95
5.25
V
Short Circuit Current
VREF =0 Tj =25
°C
80
100
80
100
mA
*
Output Noise Voltage
10 Hz
≤f ≤ 10 kHz,
Tj =25
°C
40
200
40
200
µVrms
∆VREF*
Long Term Stability
Tj = 125
°C, 1000 hrs
20
50
20
50
mV
OSCILLATOR SECTION * *
*,
•
Initial Accuracy
Tj =25
°C
± 2
± 6
± 2
± 6%
*,
•
Voltage Stability
Vi = 8 to 35 V
± 0.3
± 1
± 1
± 2%
∆f/∆T*
Temperature Stability
Over Operating Range
± 3
± 6
± 3
± 6%
fMIN
Minimum Frequency
RT = 200 K
Ω CT = 0.1 µF
120
120
Hz
fMAX
Maximum Frequency
RT =2 K
Ω CT = 470 pF
400
400
KHz
Current Mirror
IRT = 2 mA
1.7
2
2.2
1.7
2
2.2
mA
*,
•
Clock Amplitude
3
3.5
3
3.5
V
*,
•
Clock Width
Tj =25
°C
0.3
0.5
1
0.3
0.5
1
µs
Sync Threshold
1.2
2
2.8
1.2
2
2.8
V
Sync Input Current
Sync Voltage = 3.5 V
1
2.5
1
2.5
mA
ERROR AMPLIFIER SECTION (VCM = 5.1 V)
VOS
Input Offset Voltage
0.5
5
2
10
mV
Ib
Input Bias Current
1
10
1
10
µA
Ios
Input Offset Current
1
1
µA
DC Open Loop Gain
RL
≥ 10 MΩ
60
75
60
75
dB
*
Gain Bandwidth
Product
Gv = 0 dB
Tj =25
°C1
2
1
2
MHz
*, „
DC Transconduct.
30 K
Ω ≤ RL ≤ 1MΩ
Tj =25
°C
1.1
1.5
1.1
1.5
ms
Output Low Level
0.2
0.5
0.2
0.5
V
Output High Level
3.8
5.6
3.8
5.6
V
CMR
Comm. Mode Reject.
VCM = 1.5 to 5.2 V
60
75
60
75
dB
PSR
Supply Voltage
Rejection
Vi = 8 to 35 V
50
60
50
60
dB
SG2525A-SG3525A
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com