Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF0201 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AF0201
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0201 Datasheet(HTML) 3 Page - YAGEO Corporation

  AF0201 Datasheet HTML 1Page - YAGEO Corporation AF0201 Datasheet HTML 2Page - YAGEO Corporation AF0201 Datasheet HTML 3Page - YAGEO Corporation AF0201 Datasheet HTML 4Page - YAGEO Corporation AF0201 Datasheet HTML 5Page - YAGEO Corporation AF0201 Datasheet HTML 6Page - YAGEO Corporation AF0201 Datasheet HTML 7Page - YAGEO Corporation AF0201 Datasheet HTML 8Page - YAGEO Corporation AF0201 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 26, 2021 V.8
Product specification
3
10
SERIES
AF
0100 to 2512
MARKING
AF0100 / AF0201 / AF0402
No marking
AF0603 / AF0805 / AF1206 / AF1210 / AF2010 / AF2512
E-24 series: 3 digits, ±5%, ≥10Ω
First two digits for significant figure and 3rd digit for number of zeros
AF0603
E-24 series: 3 digits, ± 1%
One short bar under marking letter
E-96 series: 3 digits, ± 1%
First two digits for E-96 marking rule and 3rd letter for number of zeros
AF0805 / AF1206 / AF1210 / AF2010 / AF2512
Both E-24 and E-96 series: 4 digits, ± 1%
First three digits for significant figure and 4th digit for number of zeros
AF1218
E-24 series: 3 digits, ± 5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ± 1%
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please see special data sheet “Chip resistors marking”. Marking of AF series is the same as RC series
Fig. 1
ynsc007
Fig. 2
Value=10 KΩ
YNSC001
03
Fig. 3
Value = 24 Ω
YNSC037
0
Fig. 5 Value = 10 KΩ
YNSC004
00
Fig. 4
Value = 12.4 KΩ
Fig. 6 Value = 10 KΩ
YNSC099-2
Fig. 7 Value = 10 KΩ
YNSC103-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com