Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4002BCPZ
Description  Phase Detector/Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4002BCPZ Datasheet HTML 6Page - Analog Devices ADF4002BCPZ Datasheet HTML 7Page - Analog Devices ADF4002BCPZ Datasheet HTML 8Page - Analog Devices ADF4002BCPZ Datasheet HTML 9Page - Analog Devices ADF4002BCPZ Datasheet HTML 10Page - Analog Devices ADF4002BCPZ Datasheet HTML 11Page - Analog Devices ADF4002BCPZ Datasheet HTML 12Page - Analog Devices ADF4002BCPZ Datasheet HTML 13Page - Analog Devices ADF4002BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
ADF4002
Rev. D | Page 9 of 20
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4002 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the function
latch. Figure 18 shows the full truth table. Figure 14 shows the
MUXOUT section in block diagram form.
DGND
DVDD
CONTROL
MUX
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
MUXOUT
Figure 14. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the R counter
latch is set to 0, digital lock detect is set high when the phase
error on three consecutive phase detector (PD) cycles is less
than 15 ns. With LDP set to 1, five consecutive cycles of less
than 15 ns are required to set the lock detect. It stays set at high
until a phase error of greater than 25 ns is detected on any
subsequent PD cycle. For PFD frequencies greater than 10 MHz,
analog lock detect is more accurate because of the smaller pulse
widths.
The N-channel, open-drain, analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When lock has been detected, this output is high with narrow,
low going pulses.
INPUT SHIFT REGISTER
The ADF4002 digital section includes a 24-bit input shift
register, a 14-bit R counter, and a 13-bit N counter. Data is
clocked into the 24-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
shift register to one of four latches on the rising edge of LE. The
destination latch is determined by the state of the two control
bits (C2, C1) in the shift register. These are the two LSBs, DB1
and DB0, as shown in the timing diagram (see Figure 2). Table 6
provides the truth table for these bits. Figure 15 shows a
summary of how the latches are programmed.
Table 6. C2, C1 Truth Table
Control Bits
Data Latch
C2
C1
0
0
R Counter
0
1
N Counter
1
0
Function Latch
1
1
Initialization Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com